Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8407DR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8407DR
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407DR Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8407DR Datasheet HTML 1Page - Diodes Incorporated PAM8407DR Datasheet HTML 2Page - Diodes Incorporated PAM8407DR Datasheet HTML 3Page - Diodes Incorporated PAM8407DR Datasheet HTML 4Page - Diodes Incorporated PAM8407DR Datasheet HTML 5Page - Diodes Incorporated PAM8407DR Datasheet HTML 6Page - Diodes Incorporated PAM8407DR Datasheet HTML 7Page - Diodes Incorporated PAM8407DR Datasheet HTML 8Page - Diodes Incorporated PAM8407DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
2 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Pin Descriptions
PIN Number
PIN Name
Description
1
RINP
Positive Input of Right Channel Power Amplifier.
2
RINN
Negative Input of Right Channel Power Amplifier.
3
SD
Full Chip Shutdown Control Input (active low).
4
UP
Volume UP Control (active low)Ground Connection.
5
DOWN
Volume down Control (active low)
6,12,13
GND
Ground.
7
LINN
Negative Input of Left Channel Power Amplifier.
8
LINP
Positive Input of Left Channel Power Amplifier.
9,16
VDD
Power Supply.
10
LOUTP
Positive Output of Left Channel Power Amplifier.
11
LOUTN
Negative Output of Left Channel Power Amplifier.
14
ROUTN
Negative Output of Right Channel Power Amplifier.
15
ROUTP
Positive Output of Right Channel Power Amplifier.
Functional Block Diagram
VD D
RINP
LIN N
VDD
GND
LOU T P
LOU T N
ROUT N
ROUT P
GN D
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OS C
BIAS
AND
REFERENCES
MODULATOR
DRIVER
Thermal
Protection
Current
Protection
DOWN
SD
VD D
+
-
RINN
UP
+
-
LIN P
VD D
VD D
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.5
V
Pins Input Voltage (SD, UP, Down, IN)
-0.3 to VDD+0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
°C
Junction to ambient thermal resistance
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com