Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8407DR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8407DR
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407DR Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8407DR Datasheet HTML 1Page - Diodes Incorporated PAM8407DR Datasheet HTML 2Page - Diodes Incorporated PAM8407DR Datasheet HTML 3Page - Diodes Incorporated PAM8407DR Datasheet HTML 4Page - Diodes Incorporated PAM8407DR Datasheet HTML 5Page - Diodes Incorporated PAM8407DR Datasheet HTML 6Page - Diodes Incorporated PAM8407DR Datasheet HTML 7Page - Diodes Incorporated PAM8407DR Datasheet HTML 8Page - Diodes Incorporated PAM8407DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
3 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2.5
6.0
V
TA
Operating Ambient Temperature Range
-40
+85
°C
TJ
Junction Temperature Range
-40
+125
°C
Electrical Characteristics (@TA=25°C, VDD=5.0V, Gain=24dB, RL=8Ω (33μH)+R+L(33μH), unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
—
2.5
—
5.5
V
Quiescent Current
IQ
No Load
—
8
—
mA
Output Offset Voltage
VOS
No Load
—
10
—
mV
Drain-Source On-State
Resistance
RDS(ON)
IDS = 0.5A
P MOSFET
—
0.3
—
Ω
N MOSFET
—
0.2
—
Output Power
PO
THD+N = 1%,
f = 1kHz
RL = 8Ω
—
1.4
—
W
RL = 4Ω
—
2.4
—
Total Harmonic Distortion Plus
Noise
THD+N
RL = 8Ω,PO = 0.85W, f = 1KHz
—
0.08
—
%
RL = 4Ω,PO = 1.75W, f = 1KHz
—
0.08
—
Power Supply Ripple Rejection
PSRR
Input AC-GND, f = 1KHz, Vpp = 200mV
—
70
—
dB
Channel Separation
CS
PO = 1W, f = 1KHz
—
-95
—
dB
Oscillator Frequency
fOSC
—
200
250
300
kHz
Efficiency
η
PO = 1.1W,f = 1kHz, RL = 8Ω
—
87
—
%
PO = 2.4W,f = 1kHz, RL = 4Ω
—
83
—
%
Noise
Vn
Input
AC-GND
A-weighting
—
60
—
μV
No A-weighting
—
80
—
Signal Noise Ratio
SNR
f = 20-20kHz, THD = 1%
—
95
—
dB
Turn-on Time
Ton
VDD = 5V
—
0.65
—
S
Mute Current
IMUTE
MUTE = VDD
—
4
10
mA
Shutdown Current
ISD
VSD = 0V
—
—
1
µA
Logic Input High
VIH
Include SD, UP, DOWN
1.4
—
—
V
Logic Input Low
VIL
Include SD, UP, DOWN
—
—
0.6
V
Over Temperature Protection
OTP
—
—
150
—
°C
Over Temperature Hysteresis
OTH
—
—
40
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com