Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8407DR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8407DR
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407DR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8407DR Datasheet HTML 1Page - Diodes Incorporated PAM8407DR Datasheet HTML 2Page - Diodes Incorporated PAM8407DR Datasheet HTML 3Page - Diodes Incorporated PAM8407DR Datasheet HTML 4Page - Diodes Incorporated PAM8407DR Datasheet HTML 5Page - Diodes Incorporated PAM8407DR Datasheet HTML 6Page - Diodes Incorporated PAM8407DR Datasheet HTML 7Page - Diodes Incorporated PAM8407DR Datasheet HTML 8Page - Diodes Incorporated PAM8407DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
1 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Description
The PAM8407 is a filter-less Class-D amplifier with high SNR and
differential input that helps eliminate noise. Advanced 32-step
Up/Down volume control minimizes external components and allows
speaker volume control.
The PAM8407 supports 2.5V to 6V operation make it idea for up to 4
cells alkaline battery applications.
Features like greater than 87% efficiency and small PCB area make
the PAM8407 Class-D amplifier ideal for portable applications. The
output uses a filter-less architecture minimizing the number of
external components and PCB area whilst providing a high
performance, simple and lower cost system.
The PAM8407 built in auto recovery SCP (short circuit protection) and
thermal shutdown.
The PAM8407 is available in SO-16 package.
Features
3W Output at 10% THD with a 4Ω load and 5V Supply
2.4W Output at 1% THD with a 4Ω Load and 5V Supply
2.5V to 6.0V VDD Operating
Fully Differential Input
Filterless, Low Quiescent Current and Low EMI
Low THD+N
32-stepUp/Down Volume Control from -80dB to 24dB
Superior Low Noise: 60uV
Minimize Pop/Clip Noise
Auto Recovery Short Circuit Protection
Thermal Shutdown
Pb-Free SO-16 Package
Pin Assignments
SO-16
LOUTP
LOUTN
UP
VDD
ROUTP
VDD
ROUTN
GND
15
9
10
11
12
13
14
16
GND
RINN
GND
DOWN
LINN
SD
1
2
3
4
5
6
7
8
RINP
LINP
Applications
PC Speaker
Wireless Speaker
Home Sound Systems
Active Speakers
Docking stations
Typical Applications Circuit
6 GND
GND 13
5 DOWN
7 LINN
VDD 16
8 LINP
GND 12
1 RINP
ROUTN 14
2 RINN
ROUTP 15
LOUTP 10
VDD 9
4 UP
3 SD
LOUTN 11
PAM8407
01
.
uF
C6
V DD
4Ω
1uF
C2
RINN
01
. uF
C8
LINP
SHDN
ON
01
.
uF
C5
RINP
01
.
uF
C7
LINN
4Ω
V DD
1uF
C2


Similar Part No. - PAM8407DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8407DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8408 DIODES-PAM8408 Datasheet
453Kb / 11P
2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
Rev 1
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com