Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8945PJR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8945PJR
Description  4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8945PJR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8945PJR Datasheet HTML 1Page - Diodes Incorporated PAM8945PJR Datasheet HTML 2Page - Diodes Incorporated PAM8945PJR Datasheet HTML 3Page - Diodes Incorporated PAM8945PJR Datasheet HTML 4Page - Diodes Incorporated PAM8945PJR Datasheet HTML 5Page - Diodes Incorporated PAM8945PJR Datasheet HTML 6Page - Diodes Incorporated PAM8945PJR Datasheet HTML 7Page - Diodes Incorporated PAM8945PJR Datasheet HTML 8Page - Diodes Incorporated PAM8945PJR Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM8945
Document number: DS38267 Rev. 1 - 2
1 of 9
www.diodes.com
December 2015
© Diodes Incorporated
PAM8945
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
BOOST CONVERTER AND BATTERY TRACKING AGC
Description
The PAM8945 is a high efficiency Class-G audio power
amplifier with an integrated boost converter. It drives up to
4.0W (10% THD+N) into a 4
Ω speaker. With 85% typical
efficiency, the PAM8945 helps extend battery life when
playing audio.
The built-in boost converter generates the voltage rail for the
output stage. This provides a louder audio output than a
stand-alone amplifier connected directly to the battery. It also
maintains a consistent loudness, regardless of battery
voltage.
The PAM8945 features battery tracking AGC function which
adjusts the amplifier gain to limit battery current at lower
battery voltage.
The PAM8945 features DC input protection and all outputs
are fully protected against output-to-output shorts. The
PAM8945 is available in tiny W-QFN3020-12 package.
Features
Built-In Battery Tracking Automatic Gain Control (AGC)
High Efficiency Integrated Boost Converter Over 85%
4.0W into a 4
Ω Load at 10% THD
3.2W into a 4
Ω Load at 1% THD
Operates from 2.8V to 5.2V
Efficient Class-G Prolongs Battery Life
Minimized ON/OFF Pop Noise
Superior Low Noise
High PSRR
DC Input Protection
Auto-Recovery Short-Circuit Protection
Thermal Shutdown
Available in 2.0mm X 3.0mm 12L W-QFN Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1& 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
W-QFN3020-12
Applications
Cell Phones
PDA
GPS
Portable Electronics
Speakers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
PVDD
AGC
EN
IN+
IN-
AGND
PGND
OUT-
OUT+
BGND
SW
2
1
4
3
6
5
8
7
10
9
12
11
VBAT
5
5
5
6


Similar Part No. - PAM8945PJR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8945PJR DIODES-PAM8945PJR Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
More results

Similar Description - PAM8945PJR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Integrated Silicon Solu...
IS31AP2031 ISSI-IS31AP2031 Datasheet
384Kb / 12P
CLASS-G AUDIO POWER AMPLIFIER
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164A POWER-LPA2164A Datasheet
1Mb / 15P
6W Class- F Audio Amplifier With Boost Convertor Integrated
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com