Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8945PJR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8945PJR
Description  4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8945PJR Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8945PJR Datasheet HTML 1Page - Diodes Incorporated PAM8945PJR Datasheet HTML 2Page - Diodes Incorporated PAM8945PJR Datasheet HTML 3Page - Diodes Incorporated PAM8945PJR Datasheet HTML 4Page - Diodes Incorporated PAM8945PJR Datasheet HTML 5Page - Diodes Incorporated PAM8945PJR Datasheet HTML 6Page - Diodes Incorporated PAM8945PJR Datasheet HTML 7Page - Diodes Incorporated PAM8945PJR Datasheet HTML 8Page - Diodes Incorporated PAM8945PJR Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAM8945
Document number: DS38267 Rev. 1 - 2
2 of 9
www.diodes.com
December 2015
© Diodes Incorporated
PAM8945
Typical Applications Circuit
+
VBAT
PVDD
SW
EN
IN+
IN-
AGC AGND
BGND
OUT-
OUT+
PGND
AGC
Audio Input
OFF
ON
2.8V to 5.2V
100
μF
10
μF
2.2
μH
1
μF
10
μF
Pin Descriptions
Pin Number
Pin Name
Description
1
PVDD
Boost Converter Output and Amplifier Power Supply
2
OUT+
Amplifier Positive Audio Output
3
OUT-
Amplifier Negative Audio Output
4
PGND
Power Ground
5
AGND
Analog Ground
6
IN-
Negative Audio Input
7
IN+
Positive Audio Input
8
EN
Shutdown Terminal for the Chip
9
AGC
AGC Setting Gain
10
VBAT
Supply Voltage
11
SW
Boost Convertor Switching
12
BGND
Power Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com