Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8945PJR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8945PJR
Description  4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8945PJR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8945PJR Datasheet HTML 1Page - Diodes Incorporated PAM8945PJR Datasheet HTML 2Page - Diodes Incorporated PAM8945PJR Datasheet HTML 3Page - Diodes Incorporated PAM8945PJR Datasheet HTML 4Page - Diodes Incorporated PAM8945PJR Datasheet HTML 5Page - Diodes Incorporated PAM8945PJR Datasheet HTML 6Page - Diodes Incorporated PAM8945PJR Datasheet HTML 7Page - Diodes Incorporated PAM8945PJR Datasheet HTML 8Page - Diodes Incorporated PAM8945PJR Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAM8945
Document number: DS38267 Rev. 1 - 2
4 of 9
www.diodes.com
December 2015
© Diodes Incorporated
PAM8945
Electrical Characteristics (@VBAT=3.6V, AGC=GND, TA = +25°C, RL=4Ω +33uH, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VBAT
Supply Voltage
—
2.8
—
5.2
V
PO
Output Power
THD+N=10%, f=1kHz
VBAT=3.6V
—
4.0
—
W
THD+N=1%, f=1kHz
—
3.2
—
W
THD+N
Total Harmonic
Distortion Plus
Noise
PO=1.0W, RL=8Ω
f=1kHz
—
0.07
—
%
PO=2W, RL=4Ω
—
0.15
—
PSRR
Power Supply Ripple
Rejection
VBAT=3.6V, Input AC -
ground with C=1μF
f=217Hz
—
70
—
dB
f=1kHz
—
70
—
f=10kHz
—
67
—
SNR
Signal-To-Noise Ratio
A-weighting
THD+N=1%
—
95
—
dB
VOP
Peak Output Voltage
VBAT=3.6V
f=1kHz
—
5.75
—
V
VO_TH
Boost Convertor Auto-Pass
Through Threshold
—
—
—
2
—
V(PEAK)
VN
Output Noise
Input AC-ground
No A-weighting
—
100
—
μV
A-weighting
—
60
—
η
Efficiency
RL=8Ω, PO=1W
f=1kHz
—
86
—
%
IQ
Quiescent Current
VBAT=3.6V
No Load
—
4
—
mA
ISD
Shutdown Current
VBAT=2.8V to 5.2V
EN=0V
—
—
1
μA
RDS(ON)
Static Drain-to-Source On-
State Resistor
High Side PMOS,
I=500mA
VBAT=5V
—
260
—
mΩ
Low Side NMOS,
I=500mA
VBAT=5V
—
160
—
mΩ
fSW
Switching Frequency
VBAT=2.8V to 5.2V
Boost
—
1200
—
kHz
Class D
—
300
—
GV
Closed-Loop Gain
—
—
—
20
—
dB
RIN
Input Impedance
Av=20dB
—
—
24
—
KΩ
VOS
Output Offset Voltage
Input AC-ground
—
—
—
20
mV
IPEAK
Convertor SW Peak Current
VBAT=3.6V
—
—
4
—
A
tON
Start-Up Time From EN
—
—
—
6
—
ms
VIH
En Input High Voltage
VBAT=5V
—
1.3
—
—
V
VIL
En Input Low Voltage
VBAT=5V
—
—
—
0.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com