Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIMP151 Datasheet(PDF) 2 Page - Total Power International

Part # TPIMP151
Description  ACCOMMODATE UNIVERSAL AC SOURCES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIMP151 Datasheet(HTML) 2 Page - Total Power International

  TPIMP151 Datasheet HTML 1Page - Total Power International TPIMP151 Datasheet HTML 2Page - Total Power International TPIMP151 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 385.0g (13.4 Oz.)
DUAL OUTPUT (Under forced air cooling)
MAIN VO1 ★@
AUX. VO2 ★@
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
TPIMP151-D050I
15.00A
+5V
15.00A
6.00A
+12V
6.00A
TPIMP151-D050M
15.0A
+5V
15.0A
3.00A
+24V
3.00A
TPIMP151-D120I
6.25A
+12V
6.25A
6.25A
+12V
6.25A
TPIMP151-D150K
5.0A
+15V
5.00A
5.00A
+15V
5.00A
SINGLE OUTPUT (Under air cooling)
MAIN VO1 ★@
MODEL NO.
Typ.
Volt.
Max.
TPIMP151-S050270
27A
5V
30A
TPIMP151-S120125 12.5A
12V
12.5A
TPIMP151-S150100 10.0A
15V
10.0A
TPIMP151-S240063
6.3A
24V
6.3A
TRIPLE OUTPUT (Under forced air cooling)
MAIN VO1 ★@
AUX. VO2 ★@
AUX. VO3 ●
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
TPIMP151-T033EI
18A
+3.3V
20A
13.5A
+5V
15A
0.8A
+12V
0.8A
TPIMP151-T050II
15A
+5.0V
15A
5.5A
+12V
5.5A
0.8A
+12V
0.8A
TPIMP151-T050KK
15A
+5.0V
15A
4.5A
+15V
4.5A
0.5A
+15V
0.5A
QUAD OUTPUT (Under forced air cooling)
MAIN VO1 ★@
AUX. VO2 ★@
AUX. VO3 ●
AUX. VO4 ●
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
TPIMP151-Q050KKE
15A
+5V
15A
4A
+15V
4A
0.8A
-15V
0.8A
0.5A
-5V
0.5A
Symbol: "★" OVP built-in.
"@" Adjustable. "
●" Post –Regulated
Remark: Please refer to the derating chart depending on ambient temperature and fan cooling.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE O/P
DUAL O/P
TRIPLE O/P
QUAD O/P
ASSIGNMENT
AC
-L
AC-
N
AC-
G
VO1
DC-
COM
VO1
VO2
DC-
COM
VO1
VO2
VO3
DC-
COM
VO1
VO2
VO3
+VO4
DC COM
CNTR & PIN #
P1-
L
P1-
N
P1-
G
P2-1,2,
3,4,5,6
P2-7,8,9
10,11,12
P2-1,2,3,
4
P2-9,10
P2-5,
6,7,8
P2-1,2,
3,4
P2-9,10
P2-11
P2-5,
6,7,8
P2-1,
2,3,4
P2-9,10
P2-11
P2-12
P2-5,6,
7,8
Mating connector: Moles 5195 or 5239 series.
SINGLE
DUAL/TRIPLE/QUAD
Total Power International, Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com