Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIMP151 Datasheet(PDF) 3 Page - Total Power International

Part # TPIMP151
Description  ACCOMMODATE UNIVERSAL AC SOURCES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIMP151 Datasheet(HTML) 3 Page - Total Power International

  TPIMP151 Datasheet HTML 1Page - Total Power International TPIMP151 Datasheet HTML 2Page - Total Power International TPIMP151 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING CHART
TPIMP151-S050270
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
TPIMP151-D050I
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 23CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
6070
8090
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
TPIMP151-T033EI
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10203040
5060708090 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
40
506070
80
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%
TPIMP151-Q050KKE
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 26CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
80
90 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%
Total Power International, Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com