Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIMP151 Datasheet(PDF) 1 Page - Total Power International

Part # TPIMP151
Description  ACCOMMODATE UNIVERSAL AC SOURCES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIMP151 Datasheet(HTML) 1 Page - Total Power International

  TPIMP151 Datasheet HTML 1Page - Total Power International TPIMP151 Datasheet HTML 2Page - Total Power International TPIMP151 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNIVERSAL INPUT HARMONIC CORRECTION
AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE &
MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER
SUPPLIES TPIMP151 SERIES
FEATURES:
5” X 3”* X 1.38” COMPACT SIZE
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC
CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR EN 55022/EN 55011 & FCC
CLASS B CONDUCTED
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: 9.3-11.3Arms @230Vac.
Input Current: Typ. 2.2A @115Vac, 0.9A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR EN 55022 & FCC Class B conducted.
Meet CISPR EN 55011 & FCC Class B conducted.
Hold-up Time: Typ. 90mS @115Vac & 230Vac.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typ. 0.99 @ full load.
Over Temperature Protection: Installed.
Leakage Current: 0.40-0.50mA @230Vac touch current.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Max. 150 watts.
Line Regulation: Typ. 1.0%.
Load Regulation: Single O/P VO1 ±3.0%.
Dual O/P VO1 ±3.0% VO2 ±1.0%
Triple O/P VO1 ± 3.0% (± 8% for 3.3V), VO2/VO3 ±3.0%.
Quad O/P VO1/VO2/VO3/VO4 ±3.0%
Noise & Ripple: Typ. 1.0-2.0% peak to peak.
OVP: Built-in at VO1 and VO2.
Adjustability: Available at VO1 and VO2.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 76-80% various with output.
Switching Frequency: 68K Hz.
Circuit Topology: Single Fixed frequency forward circuit.
Dual/Triple/Quad: Fixed freq. flyback circuit.
Transient Response: Output voltage returns in less than
14.8-25.2mS following a 25% load change.
Safety Standard: IEC 60950-1 Class I for IEC use.
IEC 60601-1 Class I for Medical use.
Operating Temperature: 0 to +50°C under 30 CFM
forced air cooling for full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Requested 30 CFM forced air flow for full load.
Construction: U-bracket format.
Power Density: 6.52-7.24 Watts / Cubic Inch .
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Similar Part No. - TPIMP151

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
69Kb / 1P
PIM I/O Module with 50 pin Connector
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
More results

Similar Description - TPIMP151

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
ACCOMMODATE UNIVERSAL AC INPUT
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com