Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4806-1ARJZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4806-1ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4806-1
SPECIFICATIONS
±5 V SUPPLY
VS = ±5 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to ground; unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
120
MHz
G = +1, VOUT = 2 V p-p
40
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VOUT = 0.02 V p-p
18
MHz
Slew Rate
G = +1, VOUT = 2 V step
190
V/µs
G = +2, VOUT = 4 V step
250
V/µs
Settling Time to 0.1%
G = +1, VOUT = 2 V step
35
ns
G = +2, VOUT = 4 V step
78
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD31
fC = 20 kHz, VOUT = 2 V p-p
−114/−140
dBc
fC = 100 kHz, VOUT = 2 V p-p
−102/−128
dBc
fC = 20 kHz, VOUT = 4 V p-p, G = +1
−109/−143
dBc
fC = 100 kHz, VOUT = 4 V p-p, G = +1
−93/−130
dBc
fC = 20 kHz, VOUT = 4 V p-p, G = +2
−113/−142
dBc
fC = 100 kHz, VOUT = 4 V p-p, G = +2
−96/−130
dBc
Input Voltage Noise
f = 100 kHz
5.2
nV/√Hz
Input Voltage Noise 1/f Corner Frequency
8
Hz
0.1 Hz to 10 Hz Voltage Noise
44
nV rms
Input Current Noise
f = 100 kHz
0.7
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
Full power mode
13
125
µV
Low power mode, SLEEP = −VS
800
µV
Input Offset Voltage Drift2
TMIN to TMAX, 4 σ
0.2
1.5
µV/°C
Input Bias Current (IB)
Full power mode
550
800
nA
Low power mode, SLEEP = −VS
3
nA
Input Offset Current
2.1
25
nA
Open-Loop Gain
VOUT = −4.0 V to +4.0 V
107
111
dB
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−5.1
+4
V
Common-Mode Rejection Ratio (CMRR)
VIN, CM = −4.0 V to +4.0 V
103
130
dB
SHUTDOWN PIN
SHUTDOWN Voltage
Low
Powered down
<−1.3
V
High
Enabled
>−0.9
V
SHUTDOWN Current
Low
Powered down
−1.0
+0.2
µA
High
Enabled
0.02
1.0
µA
Turn-Off Time
50% of SHUTDOWN to <10% of enabled
quiescent current
1.25
2.75
µs
Turn-On Time
50% of SHUTDOWN to >99% of final VOUT
1
3
µs
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com