Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4806-1ARJZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4806-1ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADA4806-1
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−0.1
+2
V
Common-Mode Rejection Ratio
VIN, CM = 0.5 V to 2 V
89
117
dB
SHUTDOWN PIN
SHUTDOWN Voltage
Low
Powered down
<0.7
V
High
Enabled
>1.1
V
SHUTDOWN Current
Low
Powered down
−1.0
+0.1
µA
High
Enabled
0.01
1.0
µA
Turn-Off Time
50% of SHUTDOWN to <10% of enabled
quiescent current
0.9
1.25
µs
Turn-On Time
50% of SHUTDOWN to >99% of final VOUT
2.5
8
µs
SLEEP PIN
SLEEP Voltage
Low
Powered down
<0.7
V
High
Enabled
>1.1
V
SLEEP Current
Low
Low Power Mode, SLEEP = −VS
−1.0
+0.1
µA
High
Enabled
0.01
1.0
µA
Turn-Off Time (Full Power Mode to Sleep Mode)
50% of SLEEP to 30% of enabled quiescent current
155
210
ns
Turn-On Time (Sleep Mode to Full Power Mode)
50% of SLEEP to >99% of final VOUT
450
600
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
(Rising/Falling Edge)
VIN = −1 V to +4 V, G = +2
135/175
ns
Output Voltage Swing
RL = 2 kΩ
0.02
2.98
V
Short-Circuit Current
Sourcing/sinking; full power mode
65/47
mA
Sourcing/sinking; low power mode, SLEEP = −VS
1.0/1.3
mA
Linear Output Current
<1% THD at 100 kHz, VOUT = 1 V p-p
±40
mA
Off Isolation
VIN = 0.5 V p-p, f = 1 MHz, SHUTDOWN = −VS
41
dB
Capacitive Load Drive
30% overshoot
15
pF
POWER SUPPLY
Operating Range
2.7
10
V
Quiescent Current per Amplifier
Full power mode
470
495
µA
Low power mode, SLEEP = −VS
70
µA
SHUTDOWN = −VS
1.3
3
µA
Power Supply Rejection Ratio
Positive
+VS = 1.5 V to 3.5 V, −VS = −1.5 V
96
119
dB
Negative
+VS = 1.5 V, −VS = −1.5 V to −3.5 V
96
125
dB
1
fC is the fundamental frequency.
2
Guaranteed, but not tested.
Rev. 0 | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com