Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4806-1ARJZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4806-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4806-1ARJZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADA4806-1
Data Sheet
SAMPLING PERIOD,
tS
ACQUISITION
ACQUISITION
ACQUISITION
POWERED
ON
POWERED
ON
POWERED
ON
IQ, ON
tAMP, OFF
tAMP, OFF
tAMP, OFF
tAMP, ON
tAMP, ON
tAMP, ON
ADC
CNV
ADA4806-1
SHUTDOWN/
SLEEP
SHUTDOWN/SLEEP
SHUTDOWN/SLEEP
SHUTDOWN/SLEEP
CONVERSION
CONVERSION
CONVERSION
ADA4806-1
QUIESCENT
CURRENT
Figure 63. Timing Waveforms
Figure 64 shows the quiescent power of the ADA4806-1,
operating from a single +6 V supply, without power scaling and
while power scaling via the SHUTDOWN pin and the SLEEP pin.
Without power scaling, the ADA4806-1 consumes constant
power regardless of the sampling frequency, as shown in
Equation 1.
PQ = IQ × VS
(1)
With power scaling, the quiescent power becomes proportional
to the ratio between the amplifier on time, tAMP, ON, and the
sampling time, tS:


−
×
×
+


×
×
=
S
ON
AMP
S
S
off
Q
S
ON
AMP
S
on
Q
Q
t
t
t
V
I
t
t
V
I
P
,
_
,
_
(2)
Thus, by dynamically switching the ADA4806-1 between
shutdown/sleep and full power modes between consecutive
samples, the quiescent power of the driver scales with the
sampling rate.
Note that tAMP,ON in Figure 64 is 3 µs for the SHUTDOWN pin and
0.5 µs for the SLEEP pin.
ADC SAMPLE RATE (ksps)
0.01
0.01
0.1
1.0
10
0.1
1
10
100
1000
CONTINUOUSLY ON
SLEEP MODE
SHUTDOWN MODE
AD7980 ADC
Figure 64. Quiescent Power Consumption of the ADA4806-1 vs.
ADC Sample Rate, Using Dynamic Power Scaling
Rev. 0 | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com