Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5355 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 12Page - Analog Devices ADF5355 Datasheet HTML 13Page - Analog Devices ADF5355 Datasheet HTML 14Page - Analog Devices ADF5355 Datasheet HTML 15Page - Analog Devices ADF5355 Datasheet HTML 16Page - Analog Devices ADF5355 Datasheet HTML 17Page - Analog Devices ADF5355 Datasheet HTML 18Page - Analog Devices ADF5355 Datasheet HTML 19Page - Analog Devices ADF5355 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ADF5355
Data Sheet
Rev. A | Page 16 of 38
CIRCUIT DESCRIPTION
REFERENCE INPUT
Figure 32 shows the reference input stage. The reference input
can accept both single-ended and differential signals. Use the
reference mode bit (Register 4, DB9) to select the signal. To use a
differential signal on the reference input, program this bit high.
In this case, SW1 and SW2 are open, SW3 and SW4 are closed,
and the current source that drives the differential pair of
transistors switches on (see Figure 32). The differential signal is
buffered, and it is provided to an emitter coupled logic (ECL) to
CMOS converter. When a single-ended signal is used as the
reference, connect the reference signal to REFINA and program
Bit DB9 in Register 4 to 0. In this case, SW1 and SW2 are
closed, SW3 and SW4 are open, and the current source that
drives the differential pair of transistors switches off.
Figure 32. Reference Input Stage, Differential Mode
RF N DIVIDER
The RF N divider allows a division ratio in the PLL feedback
path. Determine the division ratio by the INT, FRAC1, FRAC2,
and MOD2 values that this divider comprises.
Figure 33. RF N Divider
INT, FRAC, MOD, and R Counter Relationship
The INT, FRAC1, FRAC2, MOD1, and MOD2 values, in
conjunction with the R counter, make it possible to generate
output frequencies that are spaced by fractions of the PFD
frequency (fPFD). For more information, see the RF Synthesizer—
A Worked Example section.
Calculate the VCO output frequency (VCOOUT) by
VCOOUT = fPFD × N
(1)
where:
VCOOUT is the output frequency of the external VCO voltage
controlled oscillator (without using the output divider).
fPFD is the frequency of the phase frequency detector.
N is the desired value of the feedback counter, N.
Calculate fPFD by
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 10-bit programmable
reference counter (1 to 1023).
T is the REFIN divide by 2 bit (0 or 1)
N comprises
MOD1
MOD2
FRAC2
FRAC1
INT
N
(3)
where:
INT is the 16-bit integer value (23 to 32,767 for 4/5 prescaler,
75 to 65,535 for 8/9 prescaler).
FRAC1 is the numerator of the primary modulus (0 to 16,777,215).
FRAC2 is the numerator of the 14-bit auxiliary modulus
(0 to 16,383).
MOD2 is the programmable, 14-bit auxiliary fractional
modulus (2 to 16,383).
MOD1 is a 24-bit primary modulus with a fixed value of 224 =
16,777,216.
This calculation results in a very fine frequency resolution with
no residual frequency error. To apply this formula, take the
following steps:
1.
Calculate N by dividing VCOOUT/fPFD.
2.
The integer value of this number forms INT.
3.
Subtract this value from the full N value.
4.
Multiply the remainder by 224.
5.
The integer value of this number forms FRAC1.
6.
Calculate MOD2 based on the channel spacing (fCHSP) by
MOD2 = fPFD/GCD(fPFD, fCHSP)
(4)
where:
fCHSP is the desired channel spacing frequency.
GCD
(fPFD, fCHSP) is the greatest common divisor of the PFD
frequency and the channel spacing frequency.
7.
Calculate FRAC2 by the following equation:
FRAC2 = [(N − INT) × 224 − FRAC1)] × MOD2
(5)
2.5kΩ
2.5kΩ
REFINA
REFINB
AVDD
BIAS
GENERATOR
BUFFER
85kΩ
SW2
SW3
SW1
REFERENCE
INPUT MODE
SW4
ECL TO CMOS
BUFFER
TO
R COUNTER
MULTIPLEXER
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC1
REG
INT
REG
RF N COUNTER
FROM
VCO OUTPUT/
OUTPUT DIVIDERS
TO PFD
N COUNTER
FRAC2
VALUE
MOD2
VALUE
N = INT +
FRAC1 +
MOD1
FRAC2
MOD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com