Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5355 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 26Page - Analog Devices ADF5355 Datasheet HTML 27Page - Analog Devices ADF5355 Datasheet HTML 28Page - Analog Devices ADF5355 Datasheet HTML 29Page - Analog Devices ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices ADF5355 Datasheet HTML 33Page - Analog Devices ADF5355 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ADF5355
Data Sheet
Rev. A | Page 30 of 38
Figure 48. Register 7
REGISTER 7
Control Bits
With Bits[C4:C1] set to 0111, Register 7 is programmed. Figure 48
shows the input data format for programming this register.
Reserved
Bits[DB31:DB29] are reserved and must be set to 0. Bit DB28 is
reserved and must be set to 1. Bits[DB27:DB26] are reserved
and must be set to 0.
LE Sync
When set to 1, Bit DB25 ensures that the load enable (LE) edge
is synchronized internally with the rising edge of reference
input frequency. This synchronization prevents the rare event of
reference and RF dividers loading at the same time as a falling edge
of the reference frequency, which can lead to longer lock times.
Reserved
Bits[DB24:DB10] are reserved and must be set to 0.
Fractional-N Lock Detect Count (LDC)
LD5 and LD4 (Bits[DB9:DB8]) set the number of consecutive
cycles counted by the lock detect circuitry before asserting lock
detect high. See Figure 48 for details.
Loss of Lock (LOL) Mode
Set the LOL mode bit (Bit DB7) to 1 when the application is a
fixed frequency application in which the reference (REFIN) is
likely to be removed, such as a clocking application. The standard
lock detect circuit assumes that REFIN is always present; however,
this may not be the case with clocking applications. To enable this
functionality, set DB7 to 1.
Fractional-N Lock Detect Precision (LDP)
LD3 and LD2 (Bits[DB6:DB5]) set the precision of the lock detect
circuitry in fractional-N mode. LDP is available at 5 ns, 6 ns, 8 ns,
or 12 ns. If bleed currents are used, use 12 ns.
Lock Detect Mode (LDM)
If LD1 (Bit DB4) is set to 0, each reference cycle is set by
fractional-N lock detect precision as described in the
Fractional-N Lock Detect Count (LDC) section. If DB4 is
set to 1, each reference cycle is 2.9 ns long, which is more
appropriate for integer-N applications.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0
LE
0
0
0000000
0
LD1
C3(1) C2(1) C1(1)
CONTROL
BITS
RESERVED
LD3
LD2
FRACTIONAL-N LD PRECISION
0
0
5.0ns
0
1
6.0ns
1
0
8.0ns
1
1
12.0ns
LD1
0
FRACTIONAL-N
1
INTEGER-N (2.9ns)
C4(0)
LOCK DETECT MODE
LD2
LD3
LOL
0
DISABLED
1
ENABLED
LOSS OF LOCK MODE
LOL
LD5
LD4
LOCK DETECT CYCLE COUNT
0
0
1024
0
1
2048
1
0
4096
1
1
8192
LD4
LD5
LD
CYCLE
COUNT
0
0
0
0
0
0
1
0
0
LE
0
DISABLED
1
LE SYNCED TO REFIN
LE SYNCHRONIZATION
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com