Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5355 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 29Page - Analog Devices ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices ADF5355 Datasheet HTML 33Page - Analog Devices ADF5355 Datasheet HTML 34Page - Analog Devices ADF5355 Datasheet HTML 35Page - Analog Devices ADF5355 Datasheet HTML 36Page - Analog Devices ADF5355 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Data Sheet
ADF5355
Rev. A | Page 33 of 38
Figure 53. Register 12
REGISTER 12
Control Bits
With Bits[C4:C1] set to 1100, Register 12 is programmed.
Figure 53 shows the input data format for programming this
register.
Phase Resync Clock Divider Value
P16 to P1 (Bits[DB31:DB16]) set the timeout counter for
activation of phase resync. This value must be set such that
a resync happens immediately after (and not before) the PLL
has achieved lock after reprogramming.
Calculate the timeout value using the following equation:
Time Out Value = Phase Resync Clock Divider/fPFD
When not using phase resync, set these bits to 1 for normal
operation.
Reserved
Bits[DB15:DB4] are reserved. Bit DB10 and Bit DB4 must be set
to 1, and all other bits in this range must be set to 0.
REGISTER INITIALIZATION SEQUENCE
At initial power-up, after the correct application of voltages to
the supply pins, program the ADF5355 registers in the
following sequence:
1.
Register 12
2.
Register 11
3.
Register 10
4.
Register 9
5.
Register 8
6.
Register 7
7.
Register 6
8.
Register 5
9.
Register 4
10. Register 3
11. Register 2
12. Register 1
13. Register 0
FREQUENCY UPDATE SEQUENCE
Frequency updates require updating the auxiliary modulator
(MOD2) in Register 2, the fractional value (FRAC1) in Register 1,
and the integer value (INT) in Register 0. Toggling the counter
reset bit (Register 4) is also required. Therefore, the update
sequence must be as follows:
1.
Register 4 (counter reset enabled (DB4 = 1)).
2.
Register 2 (new FRAC2 and MOD2).
3.
Register 1 (new FRAC1).
4.
Register 0 (new INT and AUTOCAL disabled (DB21 = 0)).
5.
Register 4 (counter reset disabled (DB4 = 0)).
6.
Wait >16 ADC_CLK cycles. For example, if ADC_CLK =
99.417 kHz, wait 16/99417 sec = 161 μs. See Register 10.
7.
Register 0 (new INT and AUTOCAL enabled (DB21 = 1)).
The frequency change occurs on the second write to Register 0.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
P13
P12
P11
P10
P9
PHASE RESYNC CLOCK DIVIDER
CONTROL
BITS
P8
P7
P6
P5
P4
P3
P2
P1
0
0
0
0010000
0
1
C3(1) C2(0) C1(0)
C4(1)
P14
P15
P16
P16
P15
...
P5
P4
P3
P2
P1
PHASE RESYNC CLOCK DIVIDER
00
...
00
000
NOT ALLOWED
00
...
00
001
1/NORMAL OPERATION
00
...
00
010
2
.
.
...
.
.
.
.
.
...
00
...
10
110
22
00
...
10
111
23
00
...
11
000
24
.
.
...
.
.
.
.
.
...
11
...
11
101
65533
11
...
11
110
65534
11
...
11
111
65535
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com