Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP159RSB Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
EVM Bill of Materials
www.ti.com
Table 4. DP159RSBEVM Bill of Materials (continued)
Item
Qty
Reference
Part
PCB Footprint
Manufacturer
Part Number
37
6
R28,R29,R45,R46,R58,
2K
402
R59
38
7
R77,R80,R83,R84,R89,
0
402
R122,R131
39
1
R30
1M
402
40
10
R57,R60,R63,R64,R65,
65K
402
R66,R67,R68,R69,R70
41
1
R75
6.5K
402
42
1
R76
PTV09 10K POT
THRUHOLE
BOURNS
PTV09A-4015F-B103
43
3
R78,R98,R102
10K
402
44
2
R79,R88
4.7K
402
45
1
R82
500
402
46
1
R85
750K
402
47
1
R86
240K
402
48
1
R90
1.87K
402
49
1
R91
4.99K
402
50
1
R94
1.5K
402
51
2
R95,R96
33
201
52
1
R103
15K
402
53
1
R115
47K
402
54
1
SW1
PB_SWITCH
SW_MOM_2NO
OMRON
B3SN-3012P
55
1
SW2
3POS_SPDT
THRUHOLE_3POS
NKK Switches
MS13ANW03
56
1
U10
DP159RSB
40_RSB
TI
57
1
U3
TPS3808G30DBVT
6DBV
TI
TPS3808G30DBVT
58
1
U4
TPS62150A
RGT16
TI
TPS62150ARGTT
59
1
U6
TPS61240
6DRV
TI
TPS61240DRVT
60
1
U5
TPS74201RGWT
RGW20
TI
TPS74201RGWT
61
1
U7
TUSB3410
LQFP32
TI
TUSB3410VF
62
1
U8
24LC256
8SOIC
ON
CAT24C256W
Semiconductor
64
1
U16
TPD2E001
drl_5pin
TI
TPD2E001
65
1
Y1
12 MHz Crystal
ECX-32
ECS Inc.
ECS-120-20-33-TR
10
DP159RSB Evaluation Module
SLLU224A – August 2015 – Revised October 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com