Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP159RSB Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  DP159RSB Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Overview
www.ti.com
17
Layer 6 (Bottom)
............................................................................................................ 20
List of Tables
1
Jumper Settings
.............................................................................................................. 5
2
Aardvark I
2C (J5) Pin-Out
................................................................................................... 6
3
DP159 Target I
2C Address
................................................................................................. 7
4
DP159RSBEVM Bill of Materials
.......................................................................................... 9
1
Overview
1.1
What is the DP159?
The DP159 is a Dual-Mode DisplayPort to Transition Minimized Differential Signal (TMDS) retimer
supporting Digital Video Interface (DVI) 1.0 and High Definition Multimedia Interface (HDMI) 1.4b and 2.0
output signals. The DP159 supports the Dual-Mode Standard version 1.1 type 1 and type 2 through the
DDC link. The DP159 supports data rates up to 6 Gbps per data lane to support UltraHD (4K x 2K / 60
Hz) 8 bits per color high resolution video and HDTV with 16-bit color depth at 1080p (1920 x 1080 / 60
Hz). The DP159 can automatically configure itself as a redriver at data rates < 1.0 Gbps or as a retimer
above this data rate.
1.2
What is the DP159RSBEVM?
The DP159RSBEVM is a PCB created to help customers evaluate the DP159 device for video
applications. This EVM can also be used as a hardware reference design for implementation of the DP159
in the RSB package. PCB design/layout files can be provided upon request to provide PCB design
illustrations of the routing/placement rules.
Please note that the EVM design supports both the standard DP159 application and a DP159-thru-HDMI
application, so it contains many components that would not be needed by a typical DP159 application. A
separate reference design specific to the DP159 is available for customers.
1.3
What is Included in the DP159RSBEVM?
The major components of the EVM are as follows:
•
DP159RSB
•
Standard DP sink connector (connects to source)
•
Standard HDMI source connector (connects to sink)
•
DC power regulators
•
I
2C programming interface for external I2C host connection
•
USB interface (I
2C utility available)
2
DP159RSB Evaluation Module
SLLU224A – August 2015 – Revised October 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com