Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP159RSB Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
EVM Bill of Materials
5
EVM Bill of Materials
Table 4 lists the DP159RSBEVM BOM.
Table 4. DP159RSBEVM Bill of Materials
Item
Qty
Reference
Part
PCB Footprint
Manufacturer
Part Number
1
2
C1,C52
1 uF
603
Taiyo Yuden
LMK107B7105KA-T
2
12
C9,C10,C17,C18,C19,
0.1uF
402
Yageo
CC0402KRX5R6BB104
C21,C23,C29,C40,
C46,C59,C60
3
5
C8,C20,C35,C36,C57
10uF
805
TDK
C2012X5R1A106K125AB
63
1
C31
10uF
805
TDK
C2012X5R1C106K085AC
4
8
C11,C12,C13,C14,C15,
0.1uF
201
TDK
C0603X5R0J104M
C16,C24,C25
5
5
C22,C37,C41,C42,C47
0.01uF
402
6
1
C26 - DNI
DNI_200nF
402
7
1
C27
18pF
402
AVX
04025A180JAT2A
8
1
C28
220pF
402
9
1
C30
220uF
7343
Kemet
T491D227K016AT
10
1
C34
3.3 nF
402
11
1
C32
22uF
805
12
2
C39,C58
2.2uF
805
13
0
C38,R14,R15,R16,R17,
DNI
402 / 201
R18,R19,R20,R21,R22,
R23,R24,R25,R34,R87,
R92,R93,R104,R120,
R123,R125,R134,R135,
R129,R130,R139,R126,
R136,R140,R141
14
2
C45,C49
22pF
402
15
2
C50,C51
33pF
402
16
1
D1
Zener 6V
SOT23
Diodes Inc.
MMBZ5233B-FDICT-ND
17
1
D2
LED Green 0805
805
Lite On
LTST-C171GKT
18
1
JP1
JUMPER
HDR_THVT_1x2_100
19
9
J1,J3,J4,J6,J7,J8,J10,J12
HDR3X1 M .1
HDR_THVT_1x3_100
3M
961103-6404-AR
,J15
20
1
J2
Display_Port_Connector_S
DISPLAYPORT
Molex
47272-0001
ink_0
21
1
J5
Header 5x2 0.1" thru-hole
con_thvt_shrd_2x5_100_m
3M
N2510-6002-RB
22
1
J9
2.1 mm x 5.5 mm
PJ-202AH
CUI Inc.
PJ-202AH (PJ-002AH)
23
1
J13
USB Micro B
USB Micro B
FCI
10103592-0001LF
24
12
LP5,LP6,LP7,LP8,LP9,
LP
TESTLOOP
KOBIKONN
151-103-RC
LP10,LP11,LP12,LP13,
LP15,LP16,LP17
25
1
L1
2.2 uH
1008
TDK
VLS252010ET-2R2M
26
1
L2
1 uH
1008
TDK
NLCV25T-1R0M-EFR
27
4
L3, L4, L5, L6
CHOKE
805
Murata
DLW21SN900HQ2L
28
1
P1 - DNI
HDMI_IN
CON_HDMI_RT_19_0p50mm
Molex
471510001
29
1
P2
HDMI_OUT
CON_HDMI_RT_19_0p50mm
Molex
471510001
30
2
Q1,Q2
FDV301N_NFET_8V
SOT23
Fairchild
FD301N
Semiconductor
31
8
R1,R2,R3,R4,R6,R7,R8,
50
201
R9
32
1
R5
100
402
33
6
R10,R11,R99,R100,R101
1K
402
,R121
34
3
R12,R27,R81
100K
402
35
1
R13
10
402
36
12
R31,R32,R33,R105,R106
0
201
,R107,R108,R109,R110,
R111,R112,R124
9
SLLU224A – August 2015 – Revised October 2015
DP159RSB Evaluation Module
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com