Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF1005SW Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BF1005SW
Description  Silicon N-Channel MOSFET Tetrode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF1005SW Datasheet(HTML) 4 Page - Infineon Technologies AG

  BF1005SW Datasheet HTML 1Page - Infineon Technologies AG BF1005SW Datasheet HTML 2Page - Infineon Technologies AG BF1005SW Datasheet HTML 3Page - Infineon Technologies AG BF1005SW Datasheet HTML 4Page - Infineon Technologies AG BF1005SW Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb-18-2004
4
BF1005S...
Total power dissipation Ptot = ƒ(TS)
BF1005S, BF1005SR
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mW
220
Total power dissipation Ptot = ƒ(TS)
BF1005SW
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Drain current ID = ƒ(VG2S)
0
0.5
1
1.5
2
2.5
3
3.5
V
4.5
VG2S
0
2
4
6
8
10
12
14
16
mA
20
Insertion power gain
|S21|² = ƒ(VG2S)
0
0.5
1
1.5
2
2.5
3
3.5
V
4.5
VG2S
-65
-55
-45
-35
-25
-15
-5
dB
15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com