Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF1005SW Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BF1005SW
Description  Silicon N-Channel MOSFET Tetrode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF1005SW Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF1005SW Datasheet HTML 1Page - Infineon Technologies AG BF1005SW Datasheet HTML 2Page - Infineon Technologies AG BF1005SW Datasheet HTML 3Page - Infineon Technologies AG BF1005SW Datasheet HTML 4Page - Infineon Technologies AG BF1005SW Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb-18-2004
3
BF1005S...
Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
(verified by random sampling)
Forward transconductance
VDS = 5 V, VG2S = 4.5 V
gfs
26
30
-
mS
Gate1 input capacitance
VDS = 5 V, VG2S = 4 V, f = 1 MHz
Cg1ss
-
2.4
2.7
pF
Output capacitance
VDS = 5 V, VG2S = 4 V, f = 100 MHz
Cdss
-
1.3
-
Power gain (self biased)
VDS = 5 V, VG2S = 4 V, f = 800 MHz
Gp
20
22
-
dB
Noise figure
VDS = 5 V, VG2S = 4 V, f = 800 MHz
F
-
1.6
2.1
dB
Gain control range
VDS = 5 V, VG2S = 4 V ... 0 V, f = 800 MHz
∆Gp
40
50
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com