Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF1005SW Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BF1005SW
Description  Silicon N-Channel MOSFET Tetrode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF1005SW Datasheet(HTML) 1 Page - Infineon Technologies AG

  BF1005SW Datasheet HTML 1Page - Infineon Technologies AG BF1005SW Datasheet HTML 2Page - Infineon Technologies AG BF1005SW Datasheet HTML 3Page - Infineon Technologies AG BF1005SW Datasheet HTML 4Page - Infineon Technologies AG BF1005SW Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb-18-2004
1
BF1005S...
Silicon N-Channel MOSFET Tetrode
• For low noise, high gain controlled
input stages up to 1 GHz
• Operating voltage 5 V
• Integrated biasing network
EHA07215
GND
G1
G2
Drain
AGC
HF
Input
HF Output
+DC
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Pin Configuration
Marking
BF1005S
BF1005SR
BF1005SW
SOT143
SOT143R
SOT343
1=S
1=D
1=D
2=D
2=S
2=S
3=G2
3=G1
3=G1
4=G1
4=G2
4=G2
-
-
-
-
-
-
NZs
NZs
NZ
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source voltage
VDS
8
V
Continuous drain current
ID
25
mA
Gate 1/ gate 2-source current
±IG1/2SM
10
Gate 1 (external biasing)
+VG1SE
3
V
Total power dissipation
TS ≤ 76 °C, BF1005S, BF1005SR
TS ≤ 94 °C, BF1005SW
Ptot
200
200
mW
Storage temperature
Tstg
-55 ... 150
°C
Channel temperature
Tch
150
Note:
It is not recommended to apply external DC-voltage on Gate 1 in active mode.


Similar Part No. - BF1005SW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
logo
Infineon Technologies A...
BF1005S INFINEON-BF1005S Datasheet
85Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1005SR INFINEON-BF1005SR Datasheet
85Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1005S INFINEON-BF1005S_07 Datasheet
85Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF1005SW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
Silicon N-Channel MOSFET Tetrode
2006-04-13
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
Silicon N-Channel MOSFET Tetrode
2007-06-01
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
Silicon N-Channel MOSFET Tetrode
2009-05-05
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com