Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111EDHD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3111EDHD
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111EDHD Datasheet(HTML) 1 Page - Linear Technology

  LTC3111EDHD Datasheet HTML 1Page - Linear Technology LTC3111EDHD Datasheet HTML 2Page - Linear Technology LTC3111EDHD Datasheet HTML 3Page - Linear Technology LTC3111EDHD Datasheet HTML 4Page - Linear Technology LTC3111EDHD Datasheet HTML 5Page - Linear Technology LTC3111EDHD Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1999af
DEMO MANUAL DC1999A
DESCRIPTION
LTC3111EDHD
15V, 1.5A Synchronous
Buck-Boost DC/DC Converter
Demonstration circuit 1999A is a fixed frequency syn-
chronous buck-boost converter with an extended input
and output range. The unique 4-switch, single inductor
architecture provides low noise and seamless operation
from input voltages above, below, or equal to the output
voltage.
The LTC®3111 features selectable PWM or Burst Mode®
operation,andaneasilysynchronizableoscillator.Jumper
JP1 is provided to enable the converter. The demo board
is configured for 800kHz. A jumper, JP2, is provided to
select PWM, or Burst Mode operation. A clock signal can
also be applied to JP2 if synchronization is desired.
The LTC3111 operates with a 2.5V to 15V input voltage
range and a VOUT range from 2.5V to 15V. The demon-
stration board has been designed to operate with VIN
from 2.5V to 15V and an output current up to 1.5A. For
VIN < 5V, IOUT capability is reduced. VOUT is set to 5.0V.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
PERFORMANCE SUMMARY
Typical demo board efficiency is shown in Figure 2 for
several loads. The demo board has the provision to set an
accuraterunthreshold.ConsulttheLTC3111datasheetfor
more information. The transient response of the converter
to a 100mA to 600mA transient at input voltages of 3.5V
and 12V are presented in Figures 3 and 4.
The LTC3111 data sheet has detailed information about
the operation, specifications, and applications of the part.
The data sheet should be read in conjunction with this
Quick Start Guide.
Design files for this circuit board are available at
http://www.linear.com/demo
INPUT VOLTAGE RANGE
2.5V to 15V
VOUT
5V
IOUT
1.5A for VIN > 5V
Specifications are at TA = 25°C


Similar Part No. - LTC3111EDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Analog Devices
LTC3111 AD-LTC3111 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3111EDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com