Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111EDHD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3111EDHD
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111EDHD Datasheet(HTML) 4 Page - Linear Technology

  LTC3111EDHD Datasheet HTML 1Page - Linear Technology LTC3111EDHD Datasheet HTML 2Page - Linear Technology LTC3111EDHD Datasheet HTML 3Page - Linear Technology LTC3111EDHD Datasheet HTML 4Page - Linear Technology LTC3111EDHD Datasheet HTML 5Page - Linear Technology LTC3111EDHD Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1999af
DEMO MANUAL DC1999A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C2
CAP CER 47µF 16V 20% X5R 1210
MURATA, GRM32ER61C476ME15L
2
3
C3, C10, C12
CAP CER 1µF 16V 10% X5R 0603
MURATA, GRM188R61C105KA93D
3
2
C4, C5
CAP CER 0.1µF 16V 10% X7R 0402
MURATA, GRM155R71C104KA88D
4
1
C6
CAP CER 22pF 50V 1% NP0 0402
MURATA, GJM1555C1H220FB01D
5
1
C7
CAP CER 1500pF 16V 10% 0402
AVX, 0402YC152KAT2A
6
1
C8
CAP CER 47pF 50V 5% NP0 0402
MURATA, GRM1555C1H470JZ01D
7
1
C9
CAP CER 100µF 16V 20% X5R 1210
TAIYO YUDEN, EMK325ABJ107MM-T
8
1
C11
CAP CER 100pF 50V 5% NP0 0402
MURATA, GRM1555C1H101JA01D
9
1
L1
INDUCTOR, 10µH
COILCRAFT, XAL5050-103M
10
1
R1
RES 845k 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF8453X
11
1
R2
RES 158k 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF1583X
12
1
R3
RES 11.5k 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF1152X
13
1
R4
RES 41.2k 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF4122X
14
1
R5
RES 1.00M 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF1004X
15
1
R6
RES 0402 SMD (DNP)
16
1
R7
RES 49.9Ω 1/16W 1% 0402 SMD
PANASONIC, ERJ-2RKF49R9X
17
1
U1
15V, 1.5A SYNCHRONOUS BUCK-BOOST DC/DC CONVERTER
LINEAR TECH., LTC3111EDE #PBF
Additional Demo Board Circuit Components
1
0
C1 (OPT)
CAP, TANT LOW ESR 47µF 35V 20% SMD
AVX, TPSE476M035R0200
Hardware-For Demo Board Only
1
5
E1-E5
TURRET, 0.09 DIA
MILL-MAX, 2501-2-00-80-00-00-07-0
3
2
JP1, JP2
JMP, 3-PIN 1 ROW 0.079CC
SAMTEC, TMM-103-02-L-S
4
2
XJP1, XJP2
SHUNT, 0.079" CENTER
SAMTEC, 2SN-BK-G
5
4
STAND OFF
STAND-OFF, NYLON 0.375" TALL
KEYSTONE, 8832 (SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com