Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3111EDHD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3111EDHD
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111EDHD Datasheet(HTML) 2 Page - Linear Technology

  LTC3111EDHD Datasheet HTML 1Page - Linear Technology LTC3111EDHD Datasheet HTML 2Page - Linear Technology LTC3111EDHD Datasheet HTML 3Page - Linear Technology LTC3111EDHD Datasheet HTML 4Page - Linear Technology LTC3111EDHD Datasheet HTML 5Page - Linear Technology LTC3111EDHD Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1999af
DEMO MANUAL DC1999A
QUICK START PROCEDURE
Using short twisted-pair leads for any power connections
and with all loads and power supplies off, refer to Figure 1
for the proper measurement and equipment setup. The
power supply should not be connected to the circuit until
told to do so in the procedure below.
When measuring the input or output voltage ripple, care
must be taken to avoid a long ground lead on the oscil-
loscope probe.
1. JP1, JP2 and Load Settings to start:
JP1 (RUN) = OFF
JP2 (PWM) = 800kHz (Fixed Frequency)
LOAD = 0.1A/50Ω 10W Resistor
2. With power OFF connect the power supply as shown in
Figure 1. If accurate current measurements are desired
(for efficiency calculations for example) then connect
an ammeter in series with the supply as shown. The
ammeter is not required however.
3. Connect the load to VOUT as shown in Figure 1. Again,
connect an ammeter if accurate current measurement
or monitoring is desired.
4. Turn on the power supply and slowly increase voltage
until the voltage at VIN is 2.5V. Move Jumper JP1 to
ON.
5. Verify VOUT is ~5.0V.
6. VIN can now be varied between 2.5V and 15.0V. VOUT
should remain in regulation.
7. IOUT can also be varied from 0A to 1.5A. For VIN < 5.0V,
maximum IOUT is reduced. This reduction is due to IIN
increasing as VIN decreases. Once the input current
limit is reached, VOUT will fall out of regulation.
Note: If VOUT drops out of regulation, check to be sure
the maximum load has not been exceeded, or that VIN is
not below the minimum value (2.5V).
Figure 1. Measurement Setup



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com