Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC910 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 32Page - Texas Instruments DLPC910 Datasheet HTML 33Page - Texas Instruments DLPC910 Datasheet HTML 34Page - Texas Instruments DLPC910 Datasheet HTML 35Page - Texas Instruments DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
LVDS Interface
DCLKIN(A,B,C,D),DVALID(A,B,C,D),DIN(A,B,C,D)[15:])
DLPC910
DLP9000XFLS
APPS
FPGA
DOUT(A,B,C,D)[15:0]
DCLKOUT (A,B,C,D)
SCTRL(A,B,C,D)
RESET_ADDR(3:0)
RESET_MODE(1:0)
RESET_SEL(1:0)
RESET_STRB
RESET_OEZ
RESET_IRQZ
SCP BUS(3:0)
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
USER
Interface
Connectivity
USB
Ethernet
Volatile
And
Non-volatile
Storage
I2C
Row and Block Signals
ROWMD(1:0),ROWAD(10:0),BLKMD(1:0),BLKAD(3:0),RST2BLKZ
Control Signals
COMP_DATA,NS_FLIP,WDT_ENBLZ,PWR_FLOAT
Status Signals
RST_ACTIVE,INIT_ACTIVE,ECP2_FINISHED
RESETZ
VLED0
VLED1
Illumination
Driver
Illumination
Sensor
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DLPC910 controller verifies the DMD connected in the application system, uses that information to select
appropriate configuration data for the DMD, and then initializes the DMD to ready it for operation.
The DLPC910 controller receives streaming 64-bit parallel input data and associated syncs from an external
applications processor and passes the 64-bit data on to the DLP9000X DMD with the appropriate DMD timing
and control information. It also receives embedded instructions from the applications processor to assist in
determination of which DMD rows to load and which DMD mirror blocks to activate at any given moment in time.
8.2 Typical Application
Direct-write digital imaging is regularly used in high-end lithography printing. This mask-less technology offers
continuous run of printing by changing the digitally created patterns without stopping the imaging head. The
DLPC910 digital controller, coupled with the DLP9000XFLS DMD, offers an ideal back-end imager that takes in
digital images at 2560 × 1600 in resolution to achieve speeds greater than 61 Gigabits per second (Gbps).
8.2.1 High Speed Lithography Application
As high-end lithography pushes the high speed printing envelope, providing a higher resolution imager is a must
to achieve the demanding through-put of present and future printing technology. Figure 14 shows a system that
offers both a speed boost and a four million pixel DMD. The main chipset components that make up this system
are the DLPC910ZYR, the DLPR910YVA, and the DLP9000XFLS. With a few additional discrete components for
power regulation and clock circuitry, a compact, and yet high performance design can be achieved.
Figure 14. Typical High Speed Lithography Application
36
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com