Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC910 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC910 Datasheet HTML 1Page - Texas Instruments DLPC910 Datasheet HTML 2Page - Texas Instruments DLPC910 Datasheet HTML 3Page - Texas Instruments DLPC910 Datasheet HTML 4Page - Texas Instruments DLPC910 Datasheet HTML 5Page - Texas Instruments DLPC910 Datasheet HTML 6Page - Texas Instruments DLPC910 Datasheet HTML 7Page - Texas Instruments DLPC910 Datasheet HTML 8Page - Texas Instruments DLPC910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Pin Functions (continued)
PIN
ACTIVE
I/O TYPE
CLOCK SYSTEM
DESCRIPTION
(HI OR LO)
NAME
NO.
ROWAD_2
E15
LVCMOS25_I
Hi
-
DMD Row Address bit 2
ROWAD_3
F14
LVCMOS25_I
Hi
-
DMD Row Address bit 3
ROWAD_4
G14
LVCMOS25_I
Hi
-
DMD Row Address bit 4
ROWAD_5
E16
LVCMOS25_I
Hi
-
DMD Row Address bit 5
ROWAD_6
F15
LVCMOS25_I
Hi
-
DMD Row Address bit 6
ROWAD_7
G15
LVCMOS25_I
Hi
-
DMD Row Address bit 7
ROWAD_8
E17
LVCMOS25_I
Hi
-
DMD Row Address bit 8
ROWAD_9
F17
LVCMOS25_I
Hi
-
DMD Row Address bit 9
ROWAD_10
G16
LVCMOS25_I
Hi
-
DMD Row Address bit 10
ROWMD_0
H17
LVCMOS25_I
Hi
-
DMD Row Mode bit 0
ROWMD_1
H16
LVCMOS25_I
Hi
-
DMD Row Mode bit 1
DDC_DCLK_A_DPN
B21
LVDS_25_NI
-
-
Input Bus A Clock. 100-
Ω internal LVDS
termination.
DDC_DCLK_A_DPP
C21
LVDS_25_PI
-
-
DDC_DCLK_B_DPN
A7
LVDS_25_NI
-
-
Input Bus B Clock. 100-
Ω internal LVDS
termination.
DDC_DCLK_B_DPP
B7
LVDS_25_PI
-
-
DDC_DCLK_C_DPN
K20
LVDS_25_NI
-
-
Input Bus C Clock. 100-
Ω internal LVDS
termination.
DDC_DCLK_C_DPP
K21
LVDS_25_PI
-
-
DDC_DCLK_D_DPN
L5
LVDS_25_NI
-
-
Input Bus D Clock. 100-
Ω internal LVDS
termination.
DDC_DCLK_D_DPP
K5
LVDS_25_PI
-
-
DDC_DCLKOUT_A_DPN
N1
LVDS_25_NO
-
-
Output Bus A Clock to DMD.
DDC_DCLKOUT_A_DPP
M1
LVDS_25_PO
-
-
DDC_DCLKOUT_B_DPN
Y5
LVDS_25_NO
-
-
Output Bus B Clock to DMD.
DDC_DCLKOUT_B_DPP
Y6
LVDS_25_PO
-
-
DDC_DCLKOUT_C_DPN
AA22
LVDS_25_NO
-
-
Output Bus C Clock to DMD.
DDC_DCLKOUT_C_DPP
AB22
LVDS_25_PO
-
-
DDC_DCLKOUT_D_DPN
M26
LVDS_25_NO
-
-
Output Bus D Clock to DMD.
DDC_DCLKOUT_D_DPP
M25
LVDS_25_PO
-
-
DDC_DIN_A0_DPN
A15
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 0.
100-
Ω internal LVDS termination.
DDC_DIN_A0_DPP
A14
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A1_DPN
B14
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 1.
100-
Ω internal LVDS termination.
DDC_DIN_A1_DPP
C14
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A2_DPN
B16
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 2.
100-
Ω internal LVDS termination.
DDC_DIN_A2_DPP
B15
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A3_DPN
C16
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 3.
100-
Ω internal LVDS termination.
DDC_DIN_A3_DPP
D16
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A4_DPN
A17
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 4.
100-
Ω internal LVDS termination.
DDC_DIN_A4_DPP
B17
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A5_DPN
C17
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 5.
100-
Ω internal LVDS termination.
DDC_DIN_A5_DPP
D18
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A6_DPN
A19
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 6.
100-
Ω internal LVDS termination.
DDC_DIN_A6_DPP
A18
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A7_DPN
C18
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 7.
100-
Ω internal LVDS termination.
DDC_DIN_A7_DPP
B19
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A8_DPN
D19
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 8.
100-
Ω internal LVDS termination.
DDC_DIN_A8_DPP
C19
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A9_DPN
B20
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 9.
100-
Ω internal LVDS termination.
DDC_DIN_A9_DPP
A20
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A10_DPN
A22
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 10.
100-
Ω internal LVDS termination.
DDC_DIN_A10_DPP
B22
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A11_DPN
A24
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 11.
100-
Ω internal LVDS termination.
DDC_DIN_A11_DPP
A23
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A12_DPN
C23
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 12.
100-
Ω internal LVDS termination.
DDC_DIN_A12_DPP
B24
LVDS_25_PI
-
DDC_DCLK_A
DDC_DIN_A13_DPN
C24
LVDS_25_NI
-
DDC_DCLK_A
Input Bus A Data bit 13.
100-
Ω internal LVDS termination.
DDC_DIN_A13_DPP
D24
LVDS_25_PI
-
DDC_DCLK_A
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com