Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC910 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 35Page - Texas Instruments DLPC910 Datasheet HTML 36Page - Texas Instruments DLPC910 Datasheet HTML 37Page - Texas Instruments DLPC910 Datasheet HTML 38Page - Texas Instruments DLPC910 Datasheet HTML 39Page - Texas Instruments DLPC910 Datasheet HTML 40Page - Texas Instruments DLPC910 Datasheet HTML 41Page - Texas Instruments DLPC910 Datasheet HTML 42Page - Texas Instruments DLPC910 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DLPC910
DLPR910
DLP9000X
12 V
3.3 V
2.5 V
1.8 V
1.0 V
3.45 V
VCCO
VCC_AUX
VCCINT
VCC
Power Management
VCC0
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
9 Power Supply Recommendations
9.1 Power Supply Distribution and Requirements
The DLPC910ZYR, the DLPR910YVA, and the DLP9000XFLS DMD are powered by a power distribution as
shown in Figure 16.
Figure 16. Power Distribution
9.2 Power Down Sequence
Prior to power removal, the Apps FPGA should assert PWR_FLOAT and allow approximately 300
μs for the
procedure to complete. This procedure will assure the mirrors are in a flat state. Following this procedure, the
power can be safely removed. To restart after assertion of PWR_FLOAT, the DLPC910 must be reset
(CTRL_RSTZ low then high) or power must be cycled.
10 Layout
10.1 Layout Guidelines
One of the most important factors to gain good performance is designing the PCB with the highest quality signal
integrity possible. The following PCB design guidelines provide a reference of an interconnect system..
10.1.1 PCB Design Standards
PCBs should be designed and built in accordance with the industry specifications shown in Table 19.
Table 19. Industry Design Specifications
INDUSTRY SPECIFICATION
APPLICABLE TO
IPC-2221 and IPC2222, Type 3, Class X, at Level B producibility
Board design
IPC-6011 and IPC-6012, Class 2
PWB fabrication
IPC-SM-840, Class 3, Color Green
Finished PWB solder mask
UL94V-0 Flammability Rating and Marking
Finished PWB
UL796 Rating and Marking
Finished PWB
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com