Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1105 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS1105 Datasheet HTML 1Page - Silicon Laboratories TS1105 Datasheet HTML 2Page - Silicon Laboratories TS1105 Datasheet HTML 3Page - Silicon Laboratories TS1105 Datasheet HTML 4Page - Silicon Laboratories TS1105 Datasheet HTML 5Page - Silicon Laboratories TS1105 Datasheet HTML 6Page - Silicon Laboratories TS1105 Datasheet HTML 7Page - Silicon Laboratories TS1105 Datasheet HTML 8Page - Silicon Laboratories TS1105 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
2.3 Sign Output—TS1106 Only
The TS1106’s SIGN output indicates the load current’s direction. The SIGN output is a logic HIGH when M1 is conducting current (VRS
+ > VRS–). Alternatively, the SIGN output is a logic LOW when M2 is conducting current (VRS– > VRS+). The SIGN comparator’s
transfer characteristic is illustrated in the figure below. Unlike other current-sense amplifiers that implement an OUT/SIGN arrangement,
the TS1106 exhibits no “dead zone” at ILOAD switchover
Figure 2.3. TS1106 Sign Output Transfer Characteristic
2.4 Selecting a Sense Resistor
Selecting the optimal value for the external RSENSE is based on the following criteria, and commentary follows for each:
1. RSENSE Voltage Loss
2. VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
3. Total ILOAD Accuracy
4. Circuit Efficiency and Power Dissipation
5. RSENSE Kelvin Connections
2.4.1 RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the smallest usable resistor value for RSENSE should be selected.
2.4.2 VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
Although the Current Sense Amplifier draws its power from the voltage at its RS+ and RS– terminals, the signal voltage at the OUT
terminal is provided by a buffer, and is therefore bounded by the buffer’s output range. As shown in the Electrical Characteristics table,
the CSA Buffer has a maximum and minimum output voltage of:
VOUT (max ) = VDD(min ) − 0.2V
VOUT (min ) = 0.2V
Therefore, the full-scale sense voltage should be chosen so that the OUT voltage is neither greater nor less than the maximum and
minimum output voltage defined above. To satisfy this requirement, the full-scale sense voltage, VSENSE(max), should be chosen so
that:
VSENSE(max ) <
VBIAS − VOUT (min )
GAIN
For best performance, RSENSE should be chosen so that the full-scale VSENSE is less than ±75 mV.
TS1105/06 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com