Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1105 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories TS1105 Datasheet HTML 13Page - Silicon Laboratories TS1105 Datasheet HTML 14Page - Silicon Laboratories TS1105 Datasheet HTML 15Page - Silicon Laboratories TS1105 Datasheet HTML 16Page - Silicon Laboratories TS1105 Datasheet HTML 17Page - Silicon Laboratories TS1105 Datasheet HTML 18Page - Silicon Laboratories TS1105 Datasheet HTML 19Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
6. Packaging
Figure 6.1. TS1105-06 3x3 mm 8-TDFN Package Diagram
Table 6.1. Package Dimensions
Dimension
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.20 REF
b
0.25
0.30
0.35
D
3.00 BSC
D2
1.49
1.50
1.51
e
0.65 BSC
E
3.00 BSC
E2
1.65
1.75
1.85
L
0.30
0.40
0.50
K
0.20
0.25
0.30
J
0.65 REF
aaa
0.10
bbb
0.05
ccc
0.05
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.
4. This drawing conforms to the JEDEC Solid State Outline MO-229.
TS1105/06 Data Sheet
Packaging
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com