Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1105 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS1105
Description  Power Management Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS1105 Datasheet HTML 5Page - Silicon Laboratories TS1105 Datasheet HTML 6Page - Silicon Laboratories TS1105 Datasheet HTML 7Page - Silicon Laboratories TS1105 Datasheet HTML 8Page - Silicon Laboratories TS1105 Datasheet HTML 9Page - Silicon Laboratories TS1105 Datasheet HTML 10Page - Silicon Laboratories TS1105 Datasheet HTML 11Page - Silicon Laboratories TS1105 Datasheet HTML 12Page - Silicon Laboratories TS1105 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Sign Comparator Parameters (TS1106 Only)
Output Low Voltage
VSIGN_OL
ISINK = 35 µA
—
—
0.2
V
Output High Voltage
VSIGN_OH
ISOURCE = 35 µA
VDD – 0.2
—
—
V
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V. TA = TJ = –40 °C to +85 °C unless otherwise
noted. Typical values are at TA = +25 °C.
2. Extrapolated to VOUT = VFILT. IRS+ + IRS– is the total current into the RS+ and the RS– pins.
3. Input offset voltage VOS is extrapolated from a VOUT(+) measurement with VSENSE set to +1 mV and a VOUT(–) measurement with
VSENSE set to –1 mV; Average VOS = (VOUT(–) – VOUT(+))/(2 x GAIN).
4. Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
5. Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the ideal transfer
characteristic. TS1105 only applies positive VSENSE values. For GAIN = 20 V/V, the applied VSENSE for GE± is ±25 mV and ±60
mV. For GAIN = 200 V/V, the applied VSENSE for GE± is ±2.5 mV and ±6 mV.
Table 3.3. AC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CSA Buffer
Output Settling
time
tOUT_s
1% Final value,
VOUT = 1.3 V
Gain = 20 V/V
—
1.35
—
msec
Sign Comparator Parameters (TS1106 Only)
Propagation
Delay
tSIGN_PD
VSENSE = ±1 mV
—
3
—
msec
VSENSE = ±10 mV
—
0.4
—
msec
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V. TA = TJ = –40 °C to +85 °C unless otherwise
noted. Typical values are at TA = +25 °C.
Table 3.4. Thermal Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Tempera-
ture Range
TOP
–40
—
+85
°C
TS1105/06 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com