Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3503 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 41
USB3503
7.2.3
INTERFACE DESCRIPTOR (SINGLE-TT)
The following table provides interface descriptor values for High-Speed, Single-TT operation.
7.2.4
ENDPOINT DESCRIPTOR (SINGLE-TT)
The following table provides endpoint descriptor values for Single-TT operation.
7.3
Hub Attached as a High-Speed Device (Customer-Configured as Multi-TT Capable)
The following tables provide descriptor information for Customer-Configured Multi-TT High-Speed devices.
7.3.1
STANDARD DEVICE DESCRIPTOR
The following table provides device descriptor values for High-Speed operation.
TABLE 7-3:
INTERFACE DESCRIPTOR (HIGH-SPEED, SINGLE-TT)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
04h
Interface Descriptor Type.
2
InterfaceNumber
1
00h
Number of this interface.
3
AlternateSetting
1
00h
Value used to select this alternate setting for the
interface.
4
NumEndpoints
1
01h
Number of endpoints used by this interface (not including
endpoint 0).
5
InterfaceClass
1
09h
Hub class code.
6
InterfaceSubclass
1
00h
Subclass code.
7
InterfaceProtocol
1
00h
Single-TT.
8
Interface
1
00h
Index of the string descriptor describing this interface
(strings not supported).
TABLE 7-4:
ENDPOINT DESCRIPTOR (FOR STATUS CHANGE ENDPOINT, SINGLE-TT)
Offset
Field
Size
Value
Description
0
Length
1
07h
Size of this Descriptor.
1
DescriptorType
1
05h
Endpoint Descriptor Type.
2
EndpointAddress
1
81h
The address of the endpoint on the USB device.
3
Attributes
1
03h
Describes the endpoint’s attributes. (interrupt only, no
synchronization, data endpoint).
4
MaxPacketSize
2
0001h
Maximum packet size for this endpoint.
6
Interval
1
0Ch
Interval for polling endpoint for data transfers (Maximum
Possible).
TABLE 7-5:
DEVICE DESCRIPTOR (HIGH-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
12
Size of this Descriptor
1
DescriptorType
1
01h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
02h
Protocol code (Multi-TTs).
7
MaxPacketSize0
1
40h
64-byte packet size.
8
Vendor
2
user
Vendor ID; Customer value defined in ROM or serial port
load.
10
Product
2
user
Product ID; Customer value defined in ROM or serial port
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com