Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3503 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology USB3503 Datasheet HTML 19Page - Microchip Technology USB3503 Datasheet HTML 20Page - Microchip Technology USB3503 Datasheet HTML 21Page - Microchip Technology USB3503 Datasheet HTML 22Page - Microchip Technology USB3503 Datasheet HTML 23Page - Microchip Technology USB3503 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
USB3503
DS00001584B-page 20
 2011-2015 Microchip Technology Inc.
0Dh
R/W
Max Power (Bus)
MAXPB
5.3.14, page 25
0Eh
R/W
Hub Controller Max Current (Self)
HCMCS
5.3.15, page 26
0Fh
R/W
Hub Controller Max Current (Bus)
HCMCB
5.3.16, page 26
10h
R/W
Power-on Time
PWRT
5.3.17, page 26
11h
R/W
LANG_ID_H
LANGIDH
5.3.18, page 26
12h
R/W
LANG_ID_L
LANGIDL
5.3.19, page 26
13h
R/W
MFR_STR_LEN
MFRSL
5.3.20, page 26
14h
R/W
PRD_STR_LEN
PRDSL
5.3.21, page 27
15h
R/W
SER_STR_LEN
SERSL
5.3.22, page 27
16h-53h
R/W
MFR_STR
MANSTR
5.3.23, page 27
54h-91h
R/W
PROD_STR
PRDSTR
5.3.24, page 27
92h-CFh
R/W
SER_STR
SERSTR
5.3.25, page 27
D0h
R/W
Downstream Battery Charging
BC_EN
5.3.26, page 28
D1-E1h
R/W
Reserved
N/A
E2h
R/W
Reserved
N/A
E3-E4h
R/W
Reserved
N/A
E5h
R
Port Power Status
PRTPWR
5.3.27, page 28
E6h
R/W
Over Current Sense Control
OCS
5.3.28, page 29
E7h
R/W
Serial Port Interlock Control
SP_ILOCK
5.3.29, page 29
E8h
R/W
Serial Port Interrupt Status
INT_STATUS
5.3.30, page 30
E9h
R/W
Serial Port Interrupt Mask
INT_MASK
5.3.31, page 31
EAh-
EDh
R/W
Reserved
N/A
EEh
R/W
Configure Portable Hub
CFGP
5.3.32, page 31
EFh-F3h
R
Reserved
N/A
F4h
R/W
Varisense_Up3
VSNSUP3
5.3.33, page 32
F5h
R/W
Varisense_21
VSNS21
5.3.34, page 32
F6h
R/W
Boost_Up3
BSTUP3
5.3.35, page 32
F7h
R/W
Reserved
N/A
F8h
R/W
Boost_21
BST21
5.3.36, page 33
F9h
R/W
Reserved
N/A
FAh
R/W
Port Swap
PRTSP
5.3.37, page 33
FBh
R/W
Port Remap 12
PRTR12
5.3.38, page 34
FCh
R/W
Port Remap 34
PRTR34
5.3.39, page 35
FDh
R/W
Reserved
N/A
FEh
R/W
Reserved
N/A
FFh
R/W
I2C Status/Command
STCD
5.3.40, page 35
TABLE 5-2:
SERIAL INTERFACE REGISTERS (CONTINUED)
REG
ADDR
R/W
Register Name
Abbreviation
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com