Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3503 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology USB3503 Datasheet HTML 19Page - Microchip Technology USB3503 Datasheet HTML 20Page - Microchip Technology USB3503 Datasheet HTML 21Page - Microchip Technology USB3503 Datasheet HTML 22Page - Microchip Technology USB3503 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 19
USB3503
5.0
CONFIGURATION OPTIONS
5.1
Hub Configuration Options
The Hub supports a number of features (some are mutually exclusive), and must be configured in order to correctly func-
tion when attached to a USB host controller. There are two principal ways to configure the hub: by writing to configuration
registers using the serial slave port, or by internal default settings. Any configuration registers which are not written by
the serial slave retain their default settings.
5.1.1
MULTI/SINGLE TT
The USB 2.0 Hub is fully specification compliant to the Universal Serial Bus Specification Revision 2.0 April 27,2000
(12/7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details regarding Hub
operation and functionality.
For performance reasons, the Hub provides 1 Transaction Translator (TT) per port (defined as Multi-TT configuration),
and each TT has 1512 bytes of periodic buffer space and 272 Bytes of non- periodic buffer space (divided into 4 non-
periodic buffers per TT), for a total of 1784 bytes of buffer space for each Transaction Translator.
When configured as a Single-TT Hub (required by USB 2.0 Specification), the Single Transaction Translator will have
1512 bytes of periodic buffer space and 272 bytes of non-periodic buffer space (divided into 4 non-periodic buffers per
TT), for a total of 1784 bytes of buffer space for the entire Transaction Translator. Each Transaction Translator’s buf-
fer is divided as shown in Table 5-1, "Transaction Translator Buffer Chart".
5.2
Default Serial Interface Register Memory Map
The Serial Interface Registers are used to customize the USB3503 for specific applications. Reserved registers or
reserved bits within a defined register should not be written to non-default values or undefined behavior may result.
TABLE 5-1:
TRANSACTION TRANSLATOR BUFFER CHART
Periodic Start-Split Descriptors
256 Bytes
Periodic Start-Split Data
752 Bytes
Periodic Complete-Split Descriptors
128 Bytes
Periodic Complete-Split Data
376 Bytes
Non-Periodic Descriptors
16 Bytes
Non-Periodic Data
256 Bytes
Total for each Transaction Translator
1784 Bytes
TABLE 5-2:
SERIAL INTERFACE REGISTERS
REG
ADDR
R/W
Register Name
Abbreviation
Section
00h
R/W
VID LSB
VIDL
5.3.1, page 21
01h
R/W
VID MSB
VIDM
5.3.2, page 21
02h
R/W
PID LSB
PIDL
5.3.3, page 21
03h
R/W
PID MSB
PIDM
5.3.4, page 21
04h
R/W
DID LSB
DIDL
5.3.5, page 21
05h
R/W
DID MSB
DIDM
5.3.6, page 21
06h
R/W
Config Data Byte 1
CFG1
5.3.7, page 22
07h
R/W
Config Data Byte 2
CFG2
5.3.8, page 23
08h
R/W
Config Data Byte 3
CFG3
5.3.9, page 23
09h
R/W
Non-Removable Devices
NRD
5.3.10, page 24
0Ah
R/W
Port Disable (Self)
PDS
5.3.11, page 24
0Bh
R/W
Port Disable (Bus)
PDB
5.3.12, page 25
0Ch
R/W
Max Power (Self)
MAXPS
5.3.13, page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com