Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14X250 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments ADC14X250 Datasheet HTML 47Page - Texas Instruments ADC14X250 Datasheet HTML 48Page - Texas Instruments ADC14X250 Datasheet HTML 49Page - Texas Instruments ADC14X250 Datasheet HTML 50Page - Texas Instruments ADC14X250 Datasheet HTML 51Page - Texas Instruments ADC14X250 Datasheet HTML 52Page - Texas Instruments ADC14X250 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Periodic
Gapped-Periodic
One-Shot
TSYSREF = n*K*TFRAME
(n=1,2,3...)
•
2*TFRAME
•
2*TFRAME
100:
SYSREF
Transmitter
100:-diff
4*R1*R2 + 200*R1 = 100
2
R2 / (R1+R2) = 0.5 / VCMO
IDC (Each Side)= VCMO / (R1+R2)
VCMO = 1.2V: R1 = 29.1:, R2 = 20.8: IDC = 24mA
R1
R2
VCMO = 1.2V
VIS = 0.5V
1k:
SYSREF
Receiver
2.5k:
1.5k:
10k:
1.2V
PCB Channel
49
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Figure 51. Example DC Coupling to the SYSREF Input
9.1.2.4 SYSREF Signaling
The SYSREF input may be driven by a number of different types of signals. The supported signal types, shown
in Figure 52 (in single-ended form), include periodic, gapped periodic, and one-shot signals. The rising edge of
the SYSREF signal is used as a reference to align the internal frame clock and local multi-frame clock (LMFC).
To ensure proper alignment of these system clocks, the SYSREF signal must be generated along with the CLKIN
signal such that the SYSREF rising edge meets the setup and hold requirements relative to the CLKIN at the
ADC14X250 device inputs.
For each rising clock edge that is detected at the SYSREF input, the ADC14X250 device compares the current
alignment of the internal frame and LMFC with the SYSREF edge and determines if the internal clocks must be
re-aligned. In the case that no alignment is needed, the clocks maintain their current alignment and the
JESD204B data link is not broken. In the case that re-alignment is needed, the JESD204B data link is broken
and the clocks are re-aligned.
Figure 52. SYSREF Signal Types (Single-Ended Representations)
In the case of a periodic SYSREF signal, the frame and LMFC alignment is established at the first rising edge of
SYSREF, and every subsequent rising edge (that properly meets setup and hold requirements) is ignored
because the alignment has already been established. A periodic SYSREF must have a period equal to n × K / FS
where ‘FS’ is the sampling rate, ‘K’ is the JESD204B configuration parameter indicating the number of frames per
multi-frame, and ‘n’ is an integer of one or greater. The duty cycle of the SYSREF signal should be greater than
2 / K but less than (K – 2) / K.
Gapped-period signals contain bursts of pulses. The frame and LMFC alignments are established on the first
rising edge of the pulse burst. The rising edges within the pulse burst must be spaced apart by n × K / FS
seconds, similar to the periodic SYSREF signal. Any rising edge that does not abide by this rule or does not
meet the setup and hold requirements forces re-alignment of the clocks. The duty cycle requirements are the
same as the periodic signal type.
A one-shot signal contains a single rising edge that establishes the frame and LMFC alignment. The single pulse
duration must be 2 × TFRAME or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com