Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14X250 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments ADC14X250 Datasheet HTML 15Page - Texas Instruments ADC14X250 Datasheet HTML 16Page - Texas Instruments ADC14X250 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
13
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
All timing specifications for the SPI given for VSPI = 1.8-V logic levels and a 5-pF capacitive load on the SDO output. Timing specification
may require larger margins for VSPI= 1.2 V.
(2)
This parameter is verified by design.
6.12 Timing Requirements
Unless otherwise noted, these specifications apply for VA3.0= 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS. VSPI =
1.8 V
(1). Typical values are at T
A = 25°C. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC SAMPLING INSTANT TIMING CHARACTERISTICS
FS
Sampling Rate
Equal to FCLKIN / CLKDIV
50
250
MSPS
FCLKIN
Input Clock Frequency at CLKIN Inputs
MHz
CLKDIV = 1
50
250
CLKDIV = 2
100
500
CLKDIV = 4
200
1000
CLKDIV = 8
400
2000
DC
Input clock (CLKIN) duty
cycle
CLKDIV = 1
30
50
70
%
CLKDIV = 2, 4, 8(2)
45
50
55
tLAT-ADC
ADC core latency
Delay from a reference sampling instant to the boundary of the
internal LMFC where the reference sample is the first sample of the
next transmitted multi-frame. In this device, the frame clock period is
equal to the sampling clock period.
8.5
Frame clock
cycles
tJ
Additive sampling aperture jitter
Depends on input CLKIN differential edge rate at the zero crossing,
dVSS/dt. Tested with 5 V/ns edge rate.
fs
CLKDIV = 1
105
CLKDIV = 2, 4, 8
140
SYSREF TIMING CHARACTERISTICS
tPH-SYS
SYSREF assertion duration
Required duration of SYSREF assertion after rising edge event
2
Frame clock
cycles
tPL-SYS
SYSREF de-assertion duration
Required duration of SYSREF de-assertion after falling edge event
2
Frame clock
cycles
tS-SYS
SYSREF setup time
Relative to CLKIN rising edge
430
ps
tH-SYS
SYSREF hold time
Relative to CLKIN rising edge
–100
ps
JESD204B INTERFACE LINK TIMING CHARACTERISTICS
tD-LMFC
SYSREF to LMFC delay
Functional delay between SYSREF assertion latched and LMFC
frame boundary. Depends on CLKDIV setting. Multiply the delay value
by the CLKDIV factor to convert to units of CLKIN clock cycles.
Frame clock
cycles
CLKDIV = 1
3.5
CLKDIV = 2
4
CLKDIV = 4
3.75
CLKDIV = 8
3.625
tD-K28
LMFC to K28.5 delay
Functional delay between the start of the first K28.5 frame during
Code Group Synchronization at the serial output and the preceding
LMFC frame boundary.
7
7.4
9
Frame clock
cycles
tD-ILA
LMFC to ILA delay
Functional delay between the start of the first ILA frame during Initial
Lane Synchronization at the serial output and the preceding LMFC
frame boundary
7
7.4
9
tD-DATA
LMFC to valid data delay
Functional delay between the start of the first valid data frame at the
serial output and the preceding LMFC frame boundary.
7
7.4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com