Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14X250 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
8
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics: Dynamic Converter Performance (continued)
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
external differential resistive termination at ADC input is 66
Ω. CLKIN± input is a 2 Vp-p differential sinusoid. Typical values
are at TA = 25°C, unless otherwise noted. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise and distortion ratio, integrated across Nyquist
bandwidth
dBFS
Input = 10 MHz, –3 dBFS
71.0
Input = 70 MHz, –3 dBFS
70.8
Input = 170 MHz, –3 dBFS
70.0
Input = 240 MHz, –3 dBFS
70.0
Input = 240 MHz, –40 dBFS
71.0
Input = 300 MHz, –3 dBFS
69.4
ENOB
Signal-to-noise and distortion ratio, integrated across Nyquist
bandwidth
Bits
Input = 10 MHz, –3 dBFS
11.5
Input = 70 MHz, –3 dBFS
11.5
Input = 170 MHz, –3 dBFS
11.3
Input = 240 MHz, –3 dBFS
11.3
Input = 300 MHz, –3 dBFS
11.2
NSD
Noise spectral density, average NSD across Nyquist
bandwidth
dBFS/Hz
Input = 10 MHz, –3 dBFS
–152.1
Input = 70 MHz, –3 dBFS
–151.9
Input = 170 MHz, –3 dBFS
–151.5
Input = 240 MHz, –3 dBFS
–151.1
Input = 240 MHz, –40 dBFS
–152.1
Input = 300 MHz, –3 dBFS
–150.7
SFDR
Spurious free dynamic range, single tone
dBFS
Input = 10 MHz, –3 dBFS
93
Input = 70 MHz, –3 dBFS
92
Input = 170 MHz, –3 dBFS
80
Input = 240 MHz, –3 dBFS
75
87
Input = 300 MHz, –3 dBFS
86
HD2
2nd order harmonic distortion
dBFS
Input = 10 MHz, –3 dBFS
–95
Input = 70 MHz, –3 dBFS
–95
Input = 170 MHz, –3 dBFS
–92
Input = 240 MHz, –3 dBFS
–75
–90
Input = 300 MHz, –3 dBFS
–90
HD3
3rd order harmonic distortion
dBFS
Input = 10 MHz, –3 dBFS
–95
Input = 70 MHz, –3 dBFS
–95
Input = 170 MHz, –3 dBFS
–80
Input = 240 MHz, –3 dBFS
–75
–87
Input = 300 MHz, –3 dBFS
–86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com