Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC6401 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 17Page - Texas Instruments DLPC6401 Datasheet HTML 18Page - Texas Instruments DLPC6401 Datasheet HTML 19Page - Texas Instruments DLPC6401 Datasheet HTML 20Page - Texas Instruments DLPC6401 Datasheet HTML 21Page - Texas Instruments DLPC6401 Datasheet HTML 22Page - Texas Instruments DLPC6401 Datasheet HTML 23Page - Texas Instruments DLPC6401 Datasheet HTML 24Page - Texas Instruments DLPC6401 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
DMD_D(23:0)
DMD_SCTRL
DMD_TRC
DMD_LOADB
DMD_DCLK
tp1_su
tp1_h
DMD_SAC_CLK
DMD_SAC_BUS
DMD_DAD_OEZ
DMD_DAD_BUS
DMD_DAD_STRB
No relationship
tp1_cwh
tp1_cwl
tp2_su
tp2_cwh
tp2_cwl
tp2_h
tc
tw(H)
tsu
SSP_CLK
(ASIC output)
Valid
SSP_TXD
(ASIC inputs)
50%
80%
20%
50%
Valid
SSP_RXD
(ASIC outputs)
50%
tw(L)
tt
th
tpd(max)
tpd(min)
Valid
Valid
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Figure 9. (LVDS) Clock – Data Skew Definition
Figure 10. Synchronous Serial Port Interface
Figure 11. DMD LPDDR Interface
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com