Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC6401 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 35Page - Texas Instruments DLPC6401 Datasheet HTML 36Page - Texas Instruments DLPC6401 Datasheet HTML 37Page - Texas Instruments DLPC6401 Datasheet HTML 38Page - Texas Instruments DLPC6401 Datasheet HTML 39Page - Texas Instruments DLPC6401 Datasheet HTML 40Page - Texas Instruments DLPC6401 Datasheet HTML 41Page - Texas Instruments DLPC6401 Datasheet HTML 42Page - Texas Instruments DLPC6401 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Table 13. DMD I/F, PCB(1) Interconnect Min and Max Length Limitations (Note Operating Frequency
Dependencies)(2) (continued)
SIGNAL ROUTING LENGTH
BUS
SIGNAL GROUP
MAX(3)(4)
UNIT
MIN(3)
120 MHz
106.7 MHz
96 MHz
87.7 MHz
DMD_SAC_CLK,
DMD_SAC_BUS,
512
5906
mil
DMD (SDR)
DMD_DAD_OEZ,
(13)
(150)
(mm)
DMD_DAD_STRB,
DMD_DAD_BUS
spacer
•
Number of layer changes:
–
Minimize layer changes
•
Stubs:
–
Stubs should be avoided
Termination requirements:
DMD DDR data:
Specifically: DMD_D(23-0)
External [5-
Ω] series termination (at the transmitter)
DMD DDR clock
Specifically: DMD_DCLK
External [5-
Ω] series termination
DMD TRC, SCTRL, load:
Specifically: DMD_TRC, DMD_SCTRL, DMD_LOADB
External [5-
Ω] series termination (at the transmitter)
DMD SAC and
Specifically: DMD_SAC_CLK, DMD_SAC_BUS, DMD_DAD_STRB,
miscellaneous control:
DMD_DAD_BUS
External [5-
Ω] series termination (at the transmitter)
DAD output enable:
Specifically: DMD_DAD_OEZ
External [0-
Ω] series termination
Instead this signal must be externally pulled-up to VDD_DMD through a 30- to
51-k
Ω resistor.
However, note that both the DLPC6401 output timing parameters and the DMD input timing parameters include
timing budget to account for their respective internal package routing skew. Thus, additional system margin can
be attained by comprehending the package variations and compensating for them in the PCB layout. To increase
system timing margin, TI recommends that DLPC6401 package variation be compensated for (by signal group),
but it may not be desirable to compensate for DMD package skew. Because, each DMD has a different skew
profile making the PCB layout DMD specific. Thus, if an OEM wants to use a common PCB design for different
DMDs, TI recommends that either the DMD package skew variation not be compensated for on the PCB or the
package lengths for all applicable DMDs be considered. Table 14 provides the DLPC6401 package output delay
at the package ball for each DMD I/F signal. DMD internal routing skew data is contained in the DMD data sheet.
Table 14. DLPC6401 DMD I/F Package Routing Length
SIGNAL
TOTAL DELAY (ps)
PACKAGE BALL
SIGNAL
TOTAL DELAY (ps)
PACKAGE BALL
DMD_D0
25.9
A8
DMD_D14
19
B12
DMD_D1
19.6
B8
DMD_D15
11.7
C12
DMD_D2
13.4
C8
DMD_D16
4.7
D12
DMD_D3
7.4
D8
DMD_D17
21.5
B7
DMD_D4
18.1
B11
DMD_D18
24.8
A10
DMD_D5
11.1
C11
DMD_D19
8.3
D7
DMD_D6
4.4
D11
DMD_D20
23.9
B6
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com