Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC6401 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 9Page - Texas Instruments DLPC6401 Datasheet HTML 10Page - Texas Instruments DLPC6401 Datasheet HTML 11Page - Texas Instruments DLPC6401 Datasheet HTML 12Page - Texas Instruments DLPC6401 Datasheet HTML 13Page - Texas Instruments DLPC6401 Datasheet HTML 14Page - Texas Instruments DLPC6401 Datasheet HTML 15Page - Texas Instruments DLPC6401 Datasheet HTML 16Page - Texas Instruments DLPC6401 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
6.5 Electrical Characteristics
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSC (10)
2
High-level input
3.3-V LVCMOS (1, 2, 3, 4)
2
VIH
V
threshold voltage
2.4
3.3-V I2C (8)
OSC (10)
0.8
Low-level input
3.3-V LVCMOS (1, 2, 3, 4)
0.8
VIL
V
threshold voltage
1
3.3-V I2C (8)
Receiver input
RI
3.3-V LVDS (5)
VDDH = 3.3 V
90
110
132
Ω
impedance
Input differential
Vidth
3.3-V LVDS (5)
–200
200
mV
threshold
Absolute input
|Vid|
3.3-V LVDS (5)
200
600
mV
differential voltage
At minimum absolute
3.3-V LVDS (5)
0.7
2.1
input differential voltage
Input common mode
VICM
V
voltage range
At max absolute input
3.3-V LVDS (5)
0.9
1.9
differential voltage
3.3-V LVCMOS (1, 2, 3, 4)
400
VHYS
Hysteresis (VT+ – VT–)
mV
550
3.3-V I2C (8)
3.3-V LVCMOS (1, 2, 3)
IOH = Max rated
2.8
High-level output
VOH
V
voltage
1.9-V DMD LPDDR (7)
IOH = –0.1 mA
0.9 × VDD_DMD
1.9-V DMD LPDDR (7)
IOL = 0.1 mA
0.1 × VDD_DMD
Low-level output
3.3-V LVCMOS (1, 2, 3)
IOL = Max rated
0.4
VOL
V
voltage
IOL = 3-mA sink
0.4
3.3-V I2C (8)
OSC (10)
10.0
3.3-V LVCMOS (1 to 4) (without
VIH = VDD33
10
internal pulldown)
IIH
High-level input current
µA
3.3 V LVCMOS (1 to 4) (with
VIH = VDD33
200
internal pulldown)
VIH = VDD33
10
3.3 V I2C (8)
OSC (10)
–10.0
3.3-V LVCMOS (1 to 4) (without
VOH = VDD33
–10
internal pullup)
IIL
Low-level input current
µA
3.3-V LVCMOS (1 to 4) (with
VOH = VDD33
–200
internal pullup)
VOH = VDD33
–10
3.3-V I2C (8)
1.9-V DMD LPDDR (7)
VO = 1.5 V
–4
3.3-V LVCMOS (1)
VO = 2.4 V
–4
High-level output
IOH
mA
current
3.3-V LVCMOS (2)
VO = 2.4 V
–8
3.3-V LVCMOS (3)
VO = 2.4 V
–12
1.9-V DMD LPDDR (7)
VO = 0.4 V
4
3.3-V LVCMOS (1)
VO = 0.4 V
4
Low-level output
3.3-V LVCMOS (2)
VO = 0.4 V
8
IOL
mA
current
3.3-V LVCMOS (3)
VO = 0.4 V
12
3
3.3-V I2C (8)
3.3-V LVCMOS (1, 2, 3)
–10
10
High-impedance
IOZ
µA
leakage current
–10
10
3.3-V I2C (8)
3.3-V LVCMOS (2)
2.8
3.3
4
Input capacitance
3.3-V LVCMOS (4)
2.7
3.4
4.2
CI
pF
(including package)
3
3.2
3.5
3.3-V I2C (8)
(1)
The number inside each parenthesis for the I/O refers to the type defined in Table 1.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com