Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8810 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN8810 Datasheet HTML 2Page - Microchip Technology LAN8810 Datasheet HTML 3Page - Microchip Technology LAN8810 Datasheet HTML 4Page - Microchip Technology LAN8810 Datasheet HTML 5Page - Microchip Technology LAN8810 Datasheet HTML 6Page - Microchip Technology LAN8810 Datasheet HTML 7Page - Microchip Technology LAN8810 Datasheet HTML 8Page - Microchip Technology LAN8810 Datasheet HTML 9Page - Microchip Technology LAN8810 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
LAN8810/LAN8810I
DS00001870B-page 6
 2009-2015 Microchip Technology Inc.
TABLE 2-1:
GMII INTERFACE PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
Transmit Data 0
TXD0
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 1
TXD1
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 2
TXD2
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 3
TXD3
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 4
TXD4
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 5
TXD5
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 6
TXD6
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 7
TXD7
VIS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Error
TXER
VIS
(PD)
Indicates a transmit error condition.
Note:
This input is ignored during 10BASE-T
operation.
1
Transmit Enable
TXEN
VIS
(PD)
Indicates the presence of valid data on TXD[7:0]
1
Transmit Clock
TXCLK
VO8
Used to latch data from the MAC into the PHY.
MII (100BASE-TX): 25MHz
MII (10BASE-T): 2.5MHz
Note:
For 1000BASE-T operation, GTXCLK is
used as the transmit clock. TXCLK is not
used in 1000BASE-T mode.
1
GMII Transmit
Clock
GTXCLK
VIS
(PD)
125MHz clock used to latch data from the MAC into
the PHY in 1000BASE-T mode.
1
Receive Data 0
RXD0
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 1
RXD1
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 2
RXD2
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 3
RXD3
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 4
RXD4
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 5
RXD5
VO6
The PHY transfers data to the MAC using this
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com