Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8810 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8810 Datasheet HTML 4Page - Microchip Technology LAN8810 Datasheet HTML 5Page - Microchip Technology LAN8810 Datasheet HTML 6Page - Microchip Technology LAN8810 Datasheet HTML 7Page - Microchip Technology LAN8810 Datasheet HTML 8Page - Microchip Technology LAN8810 Datasheet HTML 9Page - Microchip Technology LAN8810 Datasheet HTML 10Page - Microchip Technology LAN8810 Datasheet HTML 11Page - Microchip Technology LAN8810 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
LAN8810/LAN8810I
DS00001870B-page 8
 2009-2015 Microchip Technology Inc.
Note 2-2
Configuration strap values are latched on hardware reset. Configuration straps are identified by an
underlined symbol name. Signals that function as configuration straps must be augmented with an
external resistor when connected to a load. Refer to Section 3.8, "Configuration," on page 23 for
additional information.
TABLE 2-3:
LED & CONFIGURATION PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
10BASE-T Link
LED Indicator
10_LED
VO8
10BASE-T LED link indication. Refer to Section
3.9.1, "LEDs," on page 27 for additional
information.
1
100BASE-TX
Link LED
Indicator
100_LED
VO8
100BASE-TX LED link indication. Refer to Section
3.9.1, "LEDs," on page 27 for additional
information.
Hardware
Power Down
(HPD) Mode
Configuration
Strap
HPD_MODE
VIS
(PD)
This configuration strap is used to select the
Hardware Power Down (HPD) mode. When pulled-
up, the PLL is not disabled when HPD is asserted.
When pulled-down, the PLL is disabled when HPD
is asserted.
Refer to Section 3.7.3, "Hardware Power-Down,"
on page 23 for additional information.
See Note 2-2 for more information on configuration
straps.
1
1000BASE-T
Link LED
Indicator
1000_LED
VO8
1000BASE-T LED link indication. Refer to Section
3.9.1, "LEDs," on page 26 for additional
information.
1
Link Activity
LED Indicator
ACT_LED
VO8
Link activity LED indication. Refer to Section 3.9.1,
"LEDs," on page 26 for additional information.
1
Configuration
Input 0
CONFIG0
VIS
(PD)
This pin sets the PHYADD[1:0] bits of the 10/100
Special Modes Register on reset or power-up. It
must be connected to VSS, 100_LED, 1000_LED,
or VDDVARIO. Refer to Section 3.8.1.2,
"CONFIG[3:0] Configuration Pins," on page 24 for
additional information.
1
Configuration
Input 1
CONFIG1
VIS
(PD)
This pin sets the PAUSE bit of the Auto Negotiation
Advertisement Register and PHYADD [2] bit of the
10/100 Special Modes Register on reset or power-
up. It must be connected to VSS, 100_LED,
1000_LED, or VDDVARIO. Refer to Section
3.8.1.2, "CONFIG[3:0] Configuration Pins," on
page 24 for additional information.
1
Configuration
Input 2
CONFIG2
VIS
(PD)
This pin sets the MOD[1:0] bits of the Extended
Mode Control/Status Register on reset or power-
up. It must be connected to VSS, 100_LED,
1000_LED, or VDDVARIO. Refer to Section
3.8.1.2, "CONFIG[3:0] Configuration Pins," on
page 24 for additional information.
1
Configuration
Input 3
CONFIG3
VIS
(PD)
This pin sets the MOD[3] bit of the Extended Mode
Control/Status Register on reset or power-up. It
must be connected to 1000_LED or VDDVARIO.
Refer to Section 3.8.1.2, "CONFIG[3:0]
Configuration Pins," on page 24 for additional
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com