Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8810 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 1 Page - Microchip Technology

  LAN8810 Datasheet HTML 1Page - Microchip Technology LAN8810 Datasheet HTML 2Page - Microchip Technology LAN8810 Datasheet HTML 3Page - Microchip Technology LAN8810 Datasheet HTML 4Page - Microchip Technology LAN8810 Datasheet HTML 5Page - Microchip Technology LAN8810 Datasheet HTML 6Page - Microchip Technology LAN8810 Datasheet HTML 7Page - Microchip Technology LAN8810 Datasheet HTML 8Page - Microchip Technology LAN8810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001870B-page 1
Highlights
• Single-Chip Ethernet Physical Layer Transceiver
(PHY)
• Compliant with IEEE 802.3ab (1000BASE-T),
IEEE 802.3u (Fast Ethernet), and ISO 802-3/IEEE
802.3 (10BASE-T)
• HP Auto-MDIX support in accordance with IEEE
802.3ab specification at 10/100/1000 Mbps oper-
ation
• Small footprint 72-pin QFN lead-free RoHS com-
pliant package with GMII (10 x 10 x 0.9mm height)
• Flexible configurations for LED status indicators
• Implements Reduced Power Operating Modes
Target Applications
• Set-Top Boxes
• Networked Printers and Servers
• Test Instrumentation
• LAN on Motherboard
• Embedded Telecom Applications
• Video Record/Playback Systems
• Cable Modems/Routers
• DSL Modems/Routers
• Digital Video Recorders
• IP and Video Phones
• Wireless Access Points
• Digital Televisions
• Digital Media Adaptors/Servers
• Gaming Consoles
• POE Applications
Key Benefits
• High-Performance 10/100/1000 Ethernet Trans-
ceiver
- Compliant with IEEE 802.3ab (1000BASE-T)
- Compliant with IEEE 802.3/802.3u (Fast
Ethernet)
- Compliant with ISO 802-3/IEEE 802.3
(10BASE-T)
- 10BASE-T, 100BASE-TX and 1000BASE-T
support
- Loop-back modes
- Auto-negotiation (NEXT page support)
- Automatic polarity detection and correction
- Link status change wake-up detection
- Vendor specific register functions
- Supports GMII interface
- Controlled impedance outputs
- Four status LED outputs and configurable
LED modes with support for tricolor operation
- Compliant with IEEE 802.3-2005 standards
- GMII pins tolerant to 3.6V
- Integrated DSP implements adaptive equal-
izer, echo cancellers, and crosstalk cancel-
lers
- Efficient digital baseline wander correction
• Power and I/Os
- Configurable LED outputs
- Various low power modes
- Variable voltage I/O supply (2.5V/3.3V)
• Miscellaneous Features
- IEEE 1149.1 (JTAG) boundary scan
- Multiple clock options - 25MHz crystal or
25MHz single-ended clock
• Packaging
- 72-pin QFN (10x10 mm) RoHS compliant
package with GMII
• Environmental
- Commercial temperature range
(0°C to +70°C)
- Industrial temperature range (-40°C to
+85°C)
LAN8810/LAN8810i
GMII 10/100/1000 Ethernet Transceiver
with HP Auto-MDIX Support


Similar Part No. - LAN8810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
More results

Similar Description - LAN8810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com