Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 127 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 127 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 123Page - Microchip Technology LAN9500AI Datasheet HTML 124Page - Microchip Technology LAN9500AI Datasheet HTML 125Page - Microchip Technology LAN9500AI Datasheet HTML 126Page - Microchip Technology LAN9500AI Datasheet HTML 127Page - Microchip Technology LAN9500AI Datasheet HTML 128Page - Microchip Technology LAN9500AI Datasheet HTML 129Page - Microchip Technology LAN9500AI Datasheet HTML 130Page - Microchip Technology LAN9500AI Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 127
LAN950x
7.3.8
POWER MANAGEMENT CONTROL REGISTER (PMT_CTL)
This register controls the power management features.
Address:
020h
Size:
32 bits
Bits
Description
Type
Default
31:10
RESERVED
RO
-
9
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS)
When set, the Remote Wakeup Frame Received (WUFR) and Magic Packet
Received (MPFR) status signals in the MAC WUCSR will clear upon the
completion of a resume sequence.
When set, this bit also affects the WUPS field. WUPS[1] will clear upon
completion of a resume event.
Only resume sequences initiated by a wakeup frame or magic packet are
affected by RES_CLR_WKP_STS.
When cleared, the wakeup status signals are not cleared after a resume.
R/W
0b
8
Resume Clears Remote Wakeup Enables (RES_CLR_WKP_EN)
when asserted, all wakeup enable bits are cleared after a resume sequence,
initiated from a remote wakeup, completes. Resumes initiated by the host do
not clear the wakeup enables.
R/W
1b
7
Device Ready (READY)
When set, this bit indicates that the device is in the NORMAL state and the
initial hardware configuration of the device has completed.
Note 1: This bit is useful for events (USB Reset) that do not trigger a soft
disconnect.
2: In the case where no PHY clocks are present to complete a system
reset this bit will not be set until the watchdog timer expires. This is
applicable for a Lite Reset and when transitioning to the Normal
Configured state.
RO
0b
6:5
Suspend Mode (SUSPEND_MODE)
Indicates which suspend power state to use after the Host suspends the
device.
If the device is deconfigured, it transitions to the NORMAL Unconfigured
state and this register will reset to the value 10b.
SUSPEND_MODE encoding:
00 = SUSPEND0
01 = SUSPEND1
10 = SUSPEND2
11 = Note 7-9
Note:
It is not valid to select any suspend variant besides SUSPEND2
when in the NORMAL Unconfigured state.
R/W
10b
4
PHY Reset (PHY_RST)
Writing a '1' to this bit resets the PHY. The internal logic automatically holds
the PHY reset for a minimum of 2 ms. When the PHY is released from reset,
this bit is automatically cleared. All writes to this bit are ignored while this bit
is high.
Note:
The device will NAK all USB transfers until the PHY reset
completes.
SC
0b
3
Wake-On-Lan Enable (WOL_EN)
Enables WOL as a wakeup event.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com