Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 130 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 130 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 126Page - Microchip Technology LAN9500AI Datasheet HTML 127Page - Microchip Technology LAN9500AI Datasheet HTML 128Page - Microchip Technology LAN9500AI Datasheet HTML 129Page - Microchip Technology LAN9500AI Datasheet HTML 130Page - Microchip Technology LAN9500AI Datasheet HTML 131Page - Microchip Technology LAN9500AI Datasheet HTML 132Page - Microchip Technology LAN9500AI Datasheet HTML 133Page - Microchip Technology LAN9500AI Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 213 page
background image
LAN950x
DS00001875A-page 130
 2010 - 2015 Microchip Technology Inc.
Note 7-11
The default value for this bit is 0 when no EEPROM is present. If a EEPROM is present, the default
value is the value of the LED Select bit in the Configuration Flags of the EEPROM. A USB Reset or
Lite Reset (LRST) will cause this bit to be restored to the image value last loaded from EEPROM, or
to be set to 0 if no EEPROM is present.
Note 7-12
(LAN9500/LAN9500i ONLY):
nLNKA_LED (Ethernet link activity LED)
(LAN9500A/LAN9500Ai ONLY):
Determined by LED Select (LED_SEL) setting.
Note 7-13
(LAN9500/LAN9500i ONLY):
nFDX_LED (Ethernet full-duplex LED)
(LAN9500A/LAN9500Ai ONLY):
Determined by LED Select (LED_SEL) setting.
Note 7-14
The default value depends on the state of the GPIO pin.
17:16
GPIO 8 Control (GPCTL8)
The value of this field determines the function of the external GPIO8 pin as
follows:
00 = GPIO8
01 = Note 7-13
10 = RXD2
11 = CRS
Note:
When enabled as RXD2 or CRS, the external device pin will reflect
the state of the corresponding internal MII signal. This feature is
useful as a diagnostic tool.
R/W
00b
15:11
RESERVED
RO
-
10:8
GPIO Buffer Type (GPBUF[10:8])
When set, the output buffer for the corresponding GPIO signal is configured
as a push/pull driver. When cleared, the corresponding GPIO signal is
configured as an open-drain driver. Bits are assigned as follows:
GPBUF8 – bit 8
GPBUF9 – bit 9
GPBUF10 – bit 10
R/W
000b
7
RESERVED
RO
-
6:4
GPIO Direction (GPDIR[10:8])
When set, enables the corresponding GPIO as an output. When cleared the
GPIO is enabled as an input. Bits are assigned as follows:
GPDIR8 – bit 4
GPDIR9 – bit 5
GPDIR10 – bit 6
R/W
000b
3
RESERVED
RO
-
2:0
GPIO Data (GPD[10:8])
When enabled as an output, the value written is reflected on GPIOn. When
read, GPIOn reflects the current state of the corresponding GPIO pin. Bits
are assigned as follows:
GPD8 – bit 0
GPD9 – bit 1
GPD10 – bit 2
R/W
Note 7-14
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com