Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F3V3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 18Page - STMicroelectronics A6986F3V3 Datasheet HTML 19Page - STMicroelectronics A6986F3V3 Datasheet HTML 20Page - STMicroelectronics A6986F3V3 Datasheet HTML 21Page - STMicroelectronics A6986F3V3 Datasheet HTML 22Page - STMicroelectronics A6986F3V3 Datasheet HTML 23Page - STMicroelectronics A6986F3V3 Datasheet HTML 24Page - STMicroelectronics A6986F3V3 Datasheet HTML 25Page - STMicroelectronics A6986F3V3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Functional description
A6986F
22/72
DocID027739 Rev 1
5.3.1
Ratiometric startup
The ratiometric startup is implemented sharing the same soft-start capacitor for a set of the
A6986F devices.
Figure 10. Ratiometric startup
As a consequence all the internal current generators charge in parallel the external
capacitor. The capacitor value is dimensioned accordingly with Equation 12:
Equation 12
where nA6986 represents the number of devices connected in parallel.
For better tracking of the different output voltages the synchronization of the set of
regulators is suggested.
CSS
nA6986 SSGAIN
ISSCH T
SS
VFB
--------------------------------
nA6986 3
4
AT
SS
0.85V
---------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com