Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F3V3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 33Page - STMicroelectronics A6986F3V3 Datasheet HTML 34Page - STMicroelectronics A6986F3V3 Datasheet HTML 35Page - STMicroelectronics A6986F3V3 Datasheet HTML 36Page - STMicroelectronics A6986F3V3 Datasheet HTML 37Page - STMicroelectronics A6986F3V3 Datasheet HTML 38Page - STMicroelectronics A6986F3V3 Datasheet HTML 39Page - STMicroelectronics A6986F3V3 Datasheet HTML 40Page - STMicroelectronics A6986F3V3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
DocID027739 Rev 1
37/72
A6986F
Closing the loop
72
6
Closing the loop
Figure 29. Block diagram of the loop
6.1
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can
be written as:
Equation 18
where RLOAD represents the load resistance, Ri the equivalent sensing resistor of the
current sense circuitry,
p the single pole introduced by the the power stage and z the zero
given by the ESR of the output capacitor.
FH(s) accounts the sampling effect performed by the PWM comparator on the output of the
error amplifier that introduces a double pole at one half of the switching frequency.
GCO s

RLOAD gCS
1
1
RLOAD TSW
L
-----------------------------------
mC 1D
–

0.5
–

+
--------------------------------------------------------------------------------------------------------
1
s
z
------
+


1
s
p
------
+


---------------------- FH
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com