Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F3V3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 35Page - STMicroelectronics A6986F3V3 Datasheet HTML 36Page - STMicroelectronics A6986F3V3 Datasheet HTML 37Page - STMicroelectronics A6986F3V3 Datasheet HTML 38Page - STMicroelectronics A6986F3V3 Datasheet HTML 39Page - STMicroelectronics A6986F3V3 Datasheet HTML 40Page - STMicroelectronics A6986F3V3 Datasheet HTML 41Page - STMicroelectronics A6986F3V3 Datasheet HTML 42Page - STMicroelectronics A6986F3V3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
DocID027739 Rev 1
39/72
A6986F
Closing the loop
72
6.2
Error amplifier compensation network
The typical compensation network required to stabilize the system is shown in Figure 30.
Figure 30. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability but it is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
Equation 24
Where Avo = Gm · Ro
The poles of this transfer function are (if Cc >> C0 + CP):
Equation 25
A0 s

AV0 1s Rc Cc
+

s
2
R0 C0 Cp
+

Rc Cc sR0 Cc R0 C0 Cp
+

+
Rc Cc
+
 1
+
+
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
fPLF
1
2
 R
0
Cc
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com