Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED002TR
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED002TR Datasheet HTML 3Page - STMicroelectronics HVLED002TR Datasheet HTML 4Page - STMicroelectronics HVLED002TR Datasheet HTML 5Page - STMicroelectronics HVLED002TR Datasheet HTML 6Page - STMicroelectronics HVLED002TR Datasheet HTML 7Page - STMicroelectronics HVLED002TR Datasheet HTML 8Page - STMicroelectronics HVLED002TR Datasheet HTML 9Page - STMicroelectronics HVLED002TR Datasheet HTML 10Page - STMicroelectronics HVLED002TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID028720 Rev 1
7/19
HVLED002
Electrical characteristics
19
Io
Output source current
V(VFB) = 2.3 V, V(COMP) = 5 V
-0.5
-1
mA
VCOMP high
V(VFB) = 2.3 V; RL = 15 K between
COMP and ground
56.2
V
VCOMP low
V(VFB) = 2.7 V; RL = 15 K between
COMP and VREF
0.8
1.1
V
CURRENT SENSE SECTION
GV
Gain
(2), (3)
3V/V
MAXCS
Maximum input signal
V(COMP) = 5.6 V
258
267
276
mV
SVR
Supply voltage rejection
12 ≤ Vi ≤ 25 V(1)
70
dB
Ib
Input bias current
-2
-10
µA
Delay to output
150
300
ns
OUTPUT SECTION
VOL
Output low level
ISINK = 20 mA
0.1
0.4
V
ISINK = 200 mA
1.6
2.2
V
VOH
Output high level
ISOURCE = 20 mA
13
13.5
V
ISOURCE = 200 mA
12
13.5
V
VOLS
UVLO saturation
VCC = 6 V; ISINK = 1 mA
0.1
1.1
V
tr
Rise time
TJ = 25 °C; CL = 1 nF(1)
50
150
ns
tf
Fall time
TJ = 25 °C; CL = 1 nF(1)
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
VON
Start threshold
Increasing voltage
7.8
8.4
9.0
V
VOFF
Min. operating voltage after
turn-on
Decreasing voltage
7.0
7.6
8.2
V
PWM SECTION
Maximum duty cycle
94
96
100
%
Minimum duty cycle
0
%
TOTAL STANDBY CURRENT
Ist
Start-up current
0.3
0.5
mA
Ii
Operating supply current
V(VFB) = V(COMP) = 0 V
12
17
mA
1. These parameters, although guaranteed, are not 100% tested in production.
2. Parameter measured at the trip point of the latch with V(VFB) = 0.
3. Gain defined as : A =
V(COMP)/V(ISENSE) ; 0 ≤ V(ISENSE) ≤ 267 mV.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com