Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED002TR
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002TR Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED002TR Datasheet HTML 1Page - STMicroelectronics HVLED002TR Datasheet HTML 2Page - STMicroelectronics HVLED002TR Datasheet HTML 3Page - STMicroelectronics HVLED002TR Datasheet HTML 4Page - STMicroelectronics HVLED002TR Datasheet HTML 5Page - STMicroelectronics HVLED002TR Datasheet HTML 6Page - STMicroelectronics HVLED002TR Datasheet HTML 7Page - STMicroelectronics HVLED002TR Datasheet HTML 8Page - STMicroelectronics HVLED002TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
December 2015
DocID028720 Rev 1
1/19
HVLED002
High performance current mode LED controller
Datasheet
- production data
Features
 Trimmed oscillator for precise frequency
control
 Oscillator frequency guaranteed at 250 kHz
 Current mode operation to 500 kHz
 Latching PWM for cycle-by-cycle current
limiting
 Internally trimmed reference with undervoltage
lockout
 High current totem pole output
 Undervoltage lockout with hysteresis
 Low start-up and operating current
Description
The HVLED002 control IC provides the necessary
features to implement off-line or DC to DC fixed
frequency current mode control schemes to
implement LED drivers. Internally implemented
circuits include a trimmed oscillator for the precise
duty cycle control, undervoltage lockout,
a precision reference trimmed for accuracy at the
error amplifier input, a PWM comparator which
also provides current limit control and a totem
pole output stage designed to the source or sink
high peak current. The output stage, suitable for
driving N-channel MOSFETs, is low in the off-
state.
Figure 1. Block diagram
SO-8
Table 1. Device summary
Order codes
Package
Packaging
HVLED002
SO8
Tube
HVLED002TR
Tape and reel
www.st.com


Similar Part No. - HVLED002TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results

Similar Description - HVLED002TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
High Performance Current Mode Controller
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
High Performance Current Mode Controller
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G Datasheet
156Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
High Performance Current Mode Controller
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com