Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # HVLED002TR
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HVLED002TR Datasheet HTML 11Page - STMicroelectronics HVLED002TR Datasheet HTML 12Page - STMicroelectronics HVLED002TR Datasheet HTML 13Page - STMicroelectronics HVLED002TR Datasheet HTML 14Page - STMicroelectronics HVLED002TR Datasheet HTML 15Page - STMicroelectronics HVLED002TR Datasheet HTML 16Page - STMicroelectronics HVLED002TR Datasheet HTML 17Page - STMicroelectronics HVLED002TR Datasheet HTML 18Page - STMicroelectronics HVLED002TR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DocID028720 Rev 1
15/19
HVLED002
Application information
19
5.7
Typical application
The HVLED002 device can be used as a secondary side step-down current regulator in the
multiple staged LED driver - see Figure 23. It is easy to configure the device to drive an
inverse (or modified) buck topology based on the fixed off-time (FOT) algorithm.
The MOSFET remains on until the current sense threshold is reached; during the on time,
the oscillator remains reset to ground. The current sense threshold is set by the saturation
of the E/A to MAXCS to guarantee the higher precision as possible.
The MOSFET is then turned off and the oscillator is released: the resulting off time is fixed
by the charging of the CT by RT, connected to VREF.
An optional auxiliary microcontroller, supplied by VREF itself can be used to dim the LED
current according to the information sent to the application by a remote controller.
Figure 23. Typical application
1. Optional for better performances.
VIN
D
Q1
L
RS
RT/CT
1
2
3
4
7
6
5
8
OUTPUT
GROUND
HVLED002
Isense
VFB
COMP
VREF
Vi
Vaux
μC
GND
VDD
GPIO
Osc. reset
Dimming
User interface
5.6 V(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com